Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS6445 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ADS6445
Description  QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADS6445 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ADS6445 Datasheet HTML 8Page - STMicroelectronics ADS6445 Datasheet HTML 9Page - STMicroelectronics ADS6445 Datasheet HTML 10Page - STMicroelectronics ADS6445 Datasheet HTML 11Page - STMicroelectronics ADS6445 Datasheet HTML 12Page - STMicroelectronics ADS6445 Datasheet HTML 13Page - STMicroelectronics ADS6445 Datasheet HTML 14Page - STMicroelectronics ADS6445 Datasheet HTML 15Page - STMicroelectronics ADS6445 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
ADS6445, ADS6444
ADS6443, ADS6442
SLAS531 – MAY 2007
The DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic
level 0 or 1 AVDD = LVDD = 3.3V, I
O = 3.5mA, RLOAD = 100Ω
(1).
All LVDS specifications are characterized, but not tested at production.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
10
µA
Low-level input current
10
µA
Input capacitance
4
pF
DIGITAL OUTPUTS
High-level output voltage
1375
mV
Low-level output voltage
1025
mV
Output differential voltage |VOD|
250
350
450
mV
Output offset voltage VOS
Common-mode voltage of OUTP and OUTM
1200
mV
Output capacitance inside the device, from either output to
Output capacitance
2
pF
ground
(1)
IO refers to the LVDS buffer current setting, RLOAD is the external differential load resistance between the LVDS output pair.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com