Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1228DFBR Datasheet(PDF) 36 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 36 Page - Texas Instruments

Back Button ISO1228DFBR Datasheet HTML 32Page - Texas Instruments ISO1228DFBR Datasheet HTML 33Page - Texas Instruments ISO1228DFBR Datasheet HTML 34Page - Texas Instruments ISO1228DFBR Datasheet HTML 35Page - Texas Instruments ISO1228DFBR Datasheet HTML 36Page - Texas Instruments ISO1228DFBR Datasheet HTML 37Page - Texas Instruments ISO1228DFBR Datasheet HTML 38Page - Texas Instruments ISO1228DFBR Datasheet HTML 39Page - Texas Instruments ISO1228DFBR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(5.4)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
38X (1.55)
38X (0.25)
36X (0.5)
(R0.05)
TYP
38X (1.4)
38X (0.25)
36X (0.5)
(5.5)
(R0.05)
SSOP - 1.75 mm max height
DFB0038A
SMALL OUTLINE PACKAGE
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
19
IPC-7351 NOMINAL
3.85 CLEARANCE / CREEPAGE
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
HV / ISOLATION OPTION
4.1 CLEARANCE / CREEPAGE
SYMM
SYMM
1
4227016/A 08/2021
20
38
19
20
38
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com