Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1228DFBR Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO1228DFBR Datasheet HTML 9Page - Texas Instruments ISO1228DFBR Datasheet HTML 10Page - Texas Instruments ISO1228DFBR Datasheet HTML 11Page - Texas Instruments ISO1228DFBR Datasheet HTML 12Page - Texas Instruments ISO1228DFBR Datasheet HTML 13Page - Texas Instruments ISO1228DFBR Datasheet HTML 14Page - Texas Instruments ISO1228DFBR Datasheet HTML 15Page - Texas Instruments ISO1228DFBR Datasheet HTML 16Page - Texas Instruments ISO1228DFBR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
(Over recommended operating conditions unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tPLH
Propagation delay time for low to high
transition
24-VPk-Pk clock signal on IN pin with 10-ns
rise and fall time, RTHR = 0 Ω. Parallel
output mode.
F1=low, F0=low; Filter Register setting:
0xxx
780
ns
tPHL
Propagation delay time for high to low
transition
24-VP-P clock signal on IN pin with 10-ns
rise and fall time, RTHR = 0 Ω. Parallel
output mode.
F1=low, F0=low; Filter Register setting:
0xxx
900
ns
tsk(p)
Pulse skew |tPHL - tPLH|
24-VP-P clock signal on IN pin with 10-ns
rise and fall time, RTHR = 0 Ω. Parallel
output mode.
335
ns
tUI
Minimum pulse width
Parallel output mode.
F1=low, F0=low; Filter Register setting:
0xxx
660
ns
tPHZ
Disable propagation delay, high-to-high
impedance output
VIN = 24 V, Pull down resistor of 1kΩ on
OUTx. Parallel output mode
30
65
ns
tPLZ
Disable propagation delay, low-to-high
impedance output
VIN = 0 V, Pull up resistor of 1kΩ on OUTx.
Parallel output mode
30
60
ns
tPZH
Enable propagation delay, high
impedance-to-high output
VIN = 24 V, Pull down resistor of 1kΩ on
OUTx. Parallel output mode
3
5
µs
tPZL
Enable propagation delay, high
impedance-to-low output
VIN = 0 V, Pull up resistor of 1kΩ on OUTx.
Parallel output mode
1.5
2.6
µs
CMTI
Common mode transient immunity
F1=low, F0=low; Filter Register setting:
0xxx
50
75
kV/µs
DIGITAL LOW PASS FILTER
TFILT
Input Digital Low Pass Filter Averaging
Time
F1=low, F0=low; Filter Register setting:
0xxx
0
ns
F1=low, F0=float; Filter Register setting:
1000
1
µs
F1=low, F0=high; Filter Register setting:
1001
8
µs
F1=float, F0=low; Filter Register setting:
1010
200
µs
F1=float, F0=float; Filter Register setting:
1011
1
ms
F1=float, F0=high; Filter Register setting:
1100
2.5
ms
F1=high, F0=low; Filter Register setting:
1101
10
ms
F1=high, F0=float; Filter Register setting:
1110
30
ms
F1=high, F0=high; Filter Register setting:
1111
100
ms
TFILTWB
Input Filter for Wire-break Detection
30
ms
SPI TIMING - 2.25 V to 5.5 V
FSCLK
SCLK Frequency, VCC1 = 2.25 V to 5.5 V
25
MHz
TSCLK
SCLK Bit Period
40
ns
TSCLKH
SCLK High Pulse Width
20
ns
TSCLKL
SCLK Low Pulse Width
20
ns
TDO
SCLK output to SDO valid
4.5
12.5
ns
TCSW
Chip Select 'High' Pulse Width
250
ns
www.ti.com
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com