Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO1228DFBR Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 4 Page - Texas Instruments

  ISO1228DFBR Datasheet HTML 1Page - Texas Instruments ISO1228DFBR Datasheet HTML 2Page - Texas Instruments ISO1228DFBR Datasheet HTML 3Page - Texas Instruments ISO1228DFBR Datasheet HTML 4Page - Texas Instruments ISO1228DFBR Datasheet HTML 5Page - Texas Instruments ISO1228DFBR Datasheet HTML 6Page - Texas Instruments ISO1228DFBR Datasheet HTML 7Page - Texas Instruments ISO1228DFBR Datasheet HTML 8Page - Texas Instruments ISO1228DFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Table 4-1. Pin Functions—38 Pins (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
16
AVCC
—
Field Side Power Supply
17
AVSS
—
Field Side Negative Supply
18
IN8
I/O
Field Input, Channel 8
19
LED8
I/O
LED Indication Pin, Channel 8
20
NC
—
Leave unconnected
21
GND1
—
Logic Ground
22
NC
—
Leave unconnected
23
F1
I
Digital Filter Setting
24
F0
I
Digital Filter Setting
25
GND1
—
Logic Ground
26
nFAULT
O
Open Drain Ouput. Connect 4.7 kΩ pull-up to VCC1
27
OUT_EN
I
Ouput Enable. Output pins OUT1 through OUT8 are tri-stated if OUT_EN=0 or FLOAT
28
OUT8/SYNC
O
Synchronize data in Burst Mode(COMM_SEL=VCC1)
Data Output, Channel 8, in Parallel Interface Mode (COMM_SEL=0)
29
OUT7/
BURST_EN
I/O
Burst Mode in Serial Interface Mode (COMM_SEL=VCC1)
Data Output, Channel 7, in Parallel Interface Mode (COMM_SEL=0)
30
OUT6/nRST
I/O
Active Low SPI Reset in Serial Interface Mode (COMM_SEL=VCC1)
Data Output, Channel 6, in Parallel Interface Mode (COMM_SEL=0)
31
OUT5/nINT
O
Active Low SPI Interrupt in Serial Interface Mode (COMM_SEL=VCC1)
Data Output, Channel 5, in Parallel Interface Mode (COMM_SEL=0)
32
OUT4/nCS
I/O
SPI Chip Seltect in Serial Interface Mode (COMM_SEL=VCC1)
Data Output, Channel 4, in Parallel Interface Mode (COMM_SEL=0)
33
OUT3/SCLK
I/O
SPI Clock in Serial Interface Mode (COMM_SEL=VCC1)
Data Output, Channel 3, in Parallel Interface Mode (COMM_SEL=0)
34
OUT2/SDI
I/O
SPI Input Data in Serial Interface Mode (COMM_SEL=VCC1)
Data Output, Channel 2, in Parallel Interface Mode (COMM_SEL=0)
35
OUT1/SDO
O
SPI Output Data in Serial Interface Mode (COMM_SEL=VCC1)
Data Output, Channel 1, in Parallel Interface Mode (COMM_SEL=0)
36
GND1
—
Logic Ground
37
VCC1
—
Logic Supply
38
COMM_SEL
I
Serial vs. Parallel Interface selection
Serial Interface Mode if COMM_SEL=VCC1
Parallel Interface Mode if COMM_SEL=0 or Floating
• I = Input, O = Output, I/O = Input/Output
• Connect all AVSS pins on Field side together
• Connect all GND1 pins on backplane/MCU side together
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com