Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM73 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM73 Datasheet HTML 6Page - National Semiconductor (TI) LM73 Datasheet HTML 7Page - National Semiconductor (TI) LM73 Datasheet HTML 8Page - National Semiconductor (TI) LM73 Datasheet HTML 9Page - National Semiconductor (TI) LM73 Datasheet HTML 10Page - National Semiconductor (TI) LM73 Datasheet HTML 11Page - National Semiconductor (TI) LM73 Datasheet HTML 12Page - National Semiconductor (TI) LM73 Datasheet HTML 13Page - National Semiconductor (TI) LM73 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
1.0 Functional Description (Continued)
1.6 COMMUNICATING with the LM73
The data registers in the LM73 are selected by the Pointer
Register. At power-up the Pointer Register is set to “00h”, the
location for the Temperature Register. The Pointer Register
latches the last location it was set to. Note that all Pointer
Register bits are decoded; any incorrect pointer values will
not be acknowledged and will not be stored in the Pointer
Register (Note 13).
A Write to the LM73 will always include the address byte and
the pointer byte.
A Read from the LM73 can take place either of two ways:
1.
If the location latched in the Pointer Register is correct
(that is, the Pointer Register is pre-set prior to the read),
then the read can simply consist of an address byte,
followed by retrieving the data byte. Most of the time it is
expected that the Pointer Register will point to Tempera-
ture Registers because that will be the data most fre-
quently read from the LM73.
2.
If the Pointer Register needs to be set, then an address
byte, pointer byte, repeat start, and another address
byte will accomplish a read.
The data byte is read out of the LM73 by the most significant
bit first. At the end of a read, the LM73 can accept either an
Acknowledge or No Acknowledge bit from the Master. No
Acknowledge is typically used as a signal to the slave that
the Master has read its last byte.
20147816
FIGURE 1. ALERT Temperature Response cleared
when temperature crosses T
LOW
20147817
FIGURE 2. ALERT Temperature Response cleared by
writing a "1" to the ALERT Reset Bit.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com