Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM73 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM73 Datasheet HTML 9Page - National Semiconductor (TI) LM73 Datasheet HTML 10Page - National Semiconductor (TI) LM73 Datasheet HTML 11Page - National Semiconductor (TI) LM73 Datasheet HTML 12Page - National Semiconductor (TI) LM73 Datasheet HTML 13Page - National Semiconductor (TI) LM73 Datasheet HTML 14Page - National Semiconductor (TI) LM73 Datasheet HTML 15Page - National Semiconductor (TI) LM73 Datasheet HTML 16Page - National Semiconductor (TI) LM73 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
2.0 LM73 Registers
The LM73’s internal registers are selected by the Pointer register. The Pointer register latches the last location that it was set to.
The pointer register and all internal registers are described below. All registers reset at device power up.
2.1 POINTER REGISTER
The diagram below shows the Pointer Register, the six internal registers to which it points, and their associated pointer
addresses.
20147807
P7
P6
P5
P4
P3
P2
P1
P0
0
0000
Register Select
Bits
Name
Description
7:3
Not Used
Must write zeros only.
2:0
Register Select
Pointer address. Points to
desired register. See table
below.
P2
P1
P0
REGISTER (Note 13)
0
0
0
Temperature
0
0
1
Configuration
01
0
T
HIGH
01
1
T
LOW
1
0
0
Control / Status
1
1
1
Identification
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com