Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM73 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM73
Description  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM73 Datasheet HTML 10Page - National Semiconductor (TI) LM73 Datasheet HTML 11Page - National Semiconductor (TI) LM73 Datasheet HTML 12Page - National Semiconductor (TI) LM73 Datasheet HTML 13Page - National Semiconductor (TI) LM73 Datasheet HTML 14Page - National Semiconductor (TI) LM73 Datasheet HTML 15Page - National Semiconductor (TI) LM73 Datasheet HTML 16Page - National Semiconductor (TI) LM73 Datasheet HTML 17Page - National Semiconductor (TI) LM73 Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
3.0 Application Hints
3.1 THERMAL PATH CONSIDERATIONS
To get the expected results when measuring temperature
with an integrated circuit temperature sensor like the LM73,
it is important to understand that the sensor measures its
own die temperature. For the LM73, the best thermal path
between the die and the outside world is through the LM73’s
pins. In the SOT23 package, all the pins on the LM73 will
have an equal effect on the die temperature. Because the
pins represent a good thermal path to the LM73 die, the
LM73 will provide an accurate measurement of the tempera-
ture of the printed circuit board on which it is mounted. There
is a less efficient thermal path between the plastic package
and the LM73 die. If the ambient air temperature is signifi-
cantly different from the printed circuit board temperature, it
will have a small effect on the measured temperature.
3.2 OUTPUT CONSIDERATIONS: TIGHT ACCURACY,
RESOLUTION AND LOW NOISE
The LM73 is well suited for applications that require tight
temperature measurement accuracy. In many applications,
the low temperature error can mean better system perfor-
mance and, by eliminating a system calibration step, lower
production cost.
With digital resolution as fine as 0.03125 ˚C/LSB, the LM73
senses and reports very small changes in its temperature,
making it ideal for applications where temperature sensitivity
is important. For example, the LM73 enables the system to
quickly identify the direction of temperature change, allowing
the processor to take compensating action before the sys-
tem reaches a critical temperature.
The LM73 has very low output noise, typically 0.015˚C rms,
which makes it ideal for applications where stable thermal
compensation is a priority. For example, in a temperature-
compensated oscillator application, the very small deviation
in successive temperature readings translates to a stable
frequency output from the oscillator.
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com