Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8008 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # 8008
Description  Electromotive 2-way globe proportional valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8008 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8008 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Type 3281
5 | 17
Visit product website 
3.
Materials
3.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
3.2. Material specifications
Note:
The globe control valve Type 3281 is supplied with various port connections. These connections are not shown completely. However, they
correspond to the material of the valve housing.
3
4
5
6
7
8
9
10
11
12
13
14
15
1
2
Actuator
No.
Element
Material
1
Housing cover
PC (Polycarbonate)
2
Housing base
PPS (Polyphenylene sulfide)
Valve body
Nr.
Element
Material
3
Spindle guide
High-performance polymer
4
Sliding washers
High-performance
polymer
5
Guide piece
Stainless steel 1.4305
6
O-ring
NBR
7
Compression spring
Stainless steel
8
Spindle seal
PTFE (filled)/FKM, with
spring compensation
9
Pipe
Stainless steel 1.4404
10
Body seal
Graphite
11
Spindle
Stainless steel 1.4401
12
Control cone
Stainless steel 1.4571
13
Seat seal
PTFE sealing washer
14
Valve seat
Stainless steel 1.4571
15
Valve body
Stainless steel CF3M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com