Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8008 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # 8008
Description  Electromotive 2-way globe proportional valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8008 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button 8008 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Type 3281
9 | 17
Visit product website 
4.4. Welded version
Note:
Dimensions in mm
ES
LS
Connection nominal diameter
(Pipe)
ES
LS
EN ISO 1127 1/ISO 4200/
DIN 11866 B
DIN 11850 2/DIN 11866 A/
DIN EN 10357 A
DN
ØDS
WS
ØDS
WS
15
20
90
21.3
1.6
19
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com