Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8008 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # 8008
Description  Electromotive 2-way globe proportional valve
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8008 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8008 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 8008 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Type 3281
11 | 17
Visit product website 
5.
Device/Process connections
5.1. Analogue
Note:
For parameterisation and configuration of the positioner and the process controller variants, please use the Bürkert Communicator software
tool, see “8.2. Bürkert Communicator Software” on page 15.
Circular connector M12, 8-pin
Pin Configuration
1
2
3
4
5
6
7
8
1
24 V DC
2
Power supply GND
3
Internal use1.)
4
Internal use1.)
5
Internal use1.)
6
Signal input +
7
Signal output
8
Signal GND
Only for positioners and process controllers variant, for connection of the parameterisation tools: Bürkert Communicator. The connection
is via the büS-Stick. Using an adapter cable (M12 8-pin to M12 5-pin) the büS-Stick can be connected (see “9.5. Ordering chart
accessories” on page 17).
Additional for process controller variant:
Socket M12, 5-pin
Pin Configuration
3
1
2
4
5
1
24 V DC sensor power supply
2
Analogue I
N (0…20 mA, 4…20 mA, 0…5 V or 0…10 V)
3
GND
4
GND (bridge according to GND pin 3)
5
Not connected
5.2. Digital (fieldbus)
Note:
For parameterisation and configuration of the positioner and the process controller variants, please use the Bürkert Communicator software
tool, see “8.2. Bürkert Communicator Software” on page 15.
Circular plug M12, 5-pin
Pin Configuration
4
2
1
3
5
1
Shielding
2
24 V DC
3
GND
4
CAN high
5
CAN low
Additional for process controller variant:
Socket M12, 5-pin
Pin Configuration
3
1
2
4
5
1
24 V DC sensor power supply
2
Analogue I
N (0…20 mA, 4…20 mA, 0…5 V, 0…10 V or
frequency)
3
GND
4
GND (bridge according to GND pin 3)
5
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com