Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS Datasheet(PDF) 32 Page - Christian Bürkert GmbH & Co. KG

Part # BUS
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

BUS Datasheet(HTML) 32 Page - Christian Bürkert GmbH & Co. KG

Back Button BUS Datasheet HTML 28Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 29Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 30Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 31Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Type büS
Best practice instructions
32
12
BEST PRACTICE INSTRUCTIONS
12.1
Termination resistor
Termination resistors are located on each side of the trunk line. Each resistor has a resistance of approx.
120 Ω. Therefore, a network with a termination resistor at both ends has an impedance of 60 Ω. Resistors
are available as a male or female M12 connector. Additionally, a chip resistor for ME43 and valve island
Type 8652 is available.
12.2
Signal reflections
There might be more than one reason for signal reflections in a network. This depends on the number of
devices, the baud rate, the amount of process data, the position of the termination resistors and the posi-
tion of the measurement port.
Massive signal reflections occur if the position of the termination resistors is not selected correctly.
12.3
Passive junction box
Passive junction boxes are used for the distribution of devices that are close to each other. In a network
with a passive junction box, it is important to determine the longest distance between two devices and to
place the termination resistor there. In this case, it is not recommended to place these resistors on the trunk
line.
12.4
Diagnostic port
In a büS network, one diagnostic port should be placed in one plant. It is used for fast access with the
Bürkert Communicator or also a third-party tool, e.g. GEMAC CAN Bus Tester 2.
12.5
Baud rate
The default baud rate of all Bürkert devices is 500 kbit/s. In the case of a poor measurement result, it is
possible to reduce the baud rate to 250 kbit/s or 125 kbit/s. Therefore, longer cables can be used in the
network.
Please note that the total time of a firmware update increases when the baud rate is reduced to a lower
communication speed.
12.6
büS stick
The büS stick is a USB-to-CAN converter and is connected to a laptop/PC with the Bürkert Communicator.
It is used for the diagnostics, start-up and parameterisation of devices.
12.7
Stub lines
The total length of stub lines in the entire network should be reduced as much as possible. It is impossible
to calculate exactly the impact that a one metre stub line has on reducing the signal quality in percentage
terms.
12.8
Bus load
The maximum bus load is 40%. The specific bus load of a device is specified in the communication data
sheet. To calculate the total bus load, sum up the values from the communication data sheet for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com