Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS Datasheet(PDF) 36 Page - Christian Bürkert GmbH & Co. KG

Part # BUS
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

BUS Datasheet(HTML) 36 Page - Christian Bürkert GmbH & Co. KG

Back Button BUS Datasheet HTML 32Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 33Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 34Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 35Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 36Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 37Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 38Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 39Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 40Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Type büS
büS networks with maximum
network expansion
36
13.1.3
125 kbit/s
The network can have a total cable length of 475 metres with 84 devices and 1 büS stick.
23 Devices
100 m
3 m
50 m
TR
Termination resistor
Diagnostics
TR
PS
Power supply
PS
PS
Measurement
point
MP
21 Devices
8 Devices
9 Devices
11 Devices
50 m
3 Devices
4 Devices
5 Devices
100 m
TR
MP
MP
*25 m additional cable length for wiring the devices
PS
100 m
50 m
PS
Fig. 40: 125 kbit/s, 84 devices, cable length 475 m
With 125 kbit/, it is possible to connect up to 53 devices with a total cable length of 500 metres.
17 Devices
100 m
3 m
50 m
TR
Termination resistor
Diagnostics
TR
PS
Power supply
PS
PS
Measurement
point
MP
15 Devices
9 Devices
3 Devices
100 m
4 Devices
5 Devices
75 m
TR
MP
MP
*25 m additional cable length for wiring the devices
PS
150 m
PS
Fig. 41: 125 kbit/s, 53 devices, cable length 500 m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com