Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUS Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # BUS
Description  Bürkert System Bus
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

BUS Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button BUS Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG BUS Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Type büS
Getting to know the basics of a büS
infrastructure – accessories, cables,
pin assignment
9
4
4.1
GETTING TO KNOW THE BASICS OF A büS
INFRASTRUCTURE – ACCESSORIES, CABLES,
PIN ASSIGNMENT
What is the purpose of the various accessories
In this chapter, the various components required for cabling are explained in detail.
büS devices are widely equipped with standard M12 connectors and. different accessories are available for
a range of cabling tasks.
4.2
Accessories
4.2.1
Y-connector
Definition: A Y-connector has three M12 connectors in total. On one side of the connector, there is one
male and one female connector. On the other side, there is one female connector.
Purpose: Since most büS devices have a single M12 büS connector, the Y-connector enables another con-
nection option to the next device. The single connector side is connected to the device and the other two
connectors may be used for the devices to the left and the right.
Bürkert
order no.
36
45
1
2
1
2
3
4
5
1
2
3
4
5
1
2
3
4
5
M12 female
M12 female
M12 male
Fig. 2: Y-connector
A Y-connector with interrupt is also available. This connector is used for segmenting power. The pin 2 con-
nection is interrupted. It is therefore possible to use a new power supply for the next büS segment if the
limit of 100 W has been reached.
1
2
3
4
5
1
2
3
4
5
1
2
3
4
5
M12 female
M12 female
M12 male
Bürkert
order no.
36
45
1
2
Fig. 3: Y-Connector with interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com