Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2301 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 2301
Description  Vibrating filling level switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2301 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  2301 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Type 8111
3 | 10
Visit product website 
1.
General technical data
1.1. About the device
The vibrating level switch is available with double relay output or with NAMUR output. The technical data depends on the vibrating level
switch variant.
1.2. All variants
Product properties
Material
Make sure the device materials are compatible with the fluid you are using.
Further information can be found in chapter “3.1. Bürkert resistApp” on page 5.
Further information on the materials can be found in chapter “3.2. Material specifications” on page 6.
Surface quality
Ra < 3.2 μm (thread) / Ra < 0.8 μm (clamp)
Dimensions
Further information can be found in chapter “4. Dimensions" on page 6.
Weight
Approx. 850 g
Measured variable
Limit level of liquids
Performance data
Measurement deviation
± 1 mm
Repeatability
0.1 mm
Hysteresis
Approx. 2 mm with vertical installation
Switching delay
Approx. 500 ms (On/Off)
Electrical data
Power source (not supplied)
Limited power source according to UL/EN 62368-1 standards or limited energy circuit according to UL/
EN 61010-1 paragraph 9.4
Overvoltage category according
to IEC 61010-1
Category III
Resonance frequency
Approx. 1200 Hz
Medium data
Process temperature
- 50…+ 150 °C (- 58…+ 302 °F)
Process pressure
- 1…64 bar/- 100…6400 kPa (- 14.51…+ 928.64 PSI)
Dynamic viscosity η
0.1…10000 mPa.s (requirement: with density 1)
Density
Selected by DIP switch:
• Standard sensitivity: 0.7…2.5 g/cm3
• High sensitivity: 0.5…2.5 g/cm3
Flow velocity
Max. 6 m/s (with a viscosity of 10000 mPa.s)
Process/Pipe connection & communication
Process connection
Thread G or NPT, ¾" or 1"; clamp 2"
Approvals and conformities
Directives
CE directive
Further information on the CE Directive can be found in chapter “2.3. Standards” on page 5
NAMUR recommendation
IEC 60947-5-6 (EN 50227)
Explosion protection
ATEX: EN 60079-0, EN 60079-11, EN 60079-26
Further information can be found in chapter “2.4. Explosion protection” on page 5.
Environment and installation
Ambient temperature
• Operating on the housing: - 40…+ 70 °C (- 40…+ 158 °F)
• Storage and transport: - 40…+ 80 °C (- 40…+ 176 °F)
Temperature derating
Further information can be found in chapter “5.1. Temperature derating diagram” on page 8.
Relative air humidity
20…85 %, without condensation
Degree of protection according
to IEC/EN 60529
IP66/IP67 with M20 × 1.5 gland mounted and tightened



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com