Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2301 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 2301
Description  Vibrating filling level switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2301 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 2301 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Type 8111
8 | 10
Visit product website 
5.
Performance specifications
5.1. Temperature derating diagram
10
20
20
30
50
60
90
30
40
50
60
Process temperature [°C]
70
80
90
100
110
120
10
-30
-20
-10
0
40
0
-30
-20
-10
80
-40
130
140
70
-40
150
-50
6.
Product installation
6.1. Installation notes
The vibrating level switch Type 8111 can be installed in any position. The instrument only has to be mounted in such a way that the tuning
fork is at the height of the desired switching point.
The tuning fork has lateral markings (notches) that indicate the switching point with vertical mounting. The switching point refers to water
with the basic setting of the sensitivity switch ≥ 0.7 g/cm³.
Vertical installation
Horizontal installation
Switching point
with lower density
Switching point
with higher density
Switching point
approx. 13 mm
Switching point
approx. 27 mm
Switching point
Switching point
Marking with
screwed version on top
Recommended mounting position, particularly for
adhesive products



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com