Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2301 Datasheet(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

Part # 2301
Description  Vibrating filling level switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2301 Datasheet(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 2301 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2301 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Type 8111
6 | 10
Visit product website 
3.2. Material specifications
1
2
3
4
5
8
6
7
9
No. Element
Material
1
Cover
PC
2
Seal between housing and housing
cover
EPDM
3
Housing
Plastic PBT (Polyester), PPS and
stainless steel 316L (1.4404)
4
Process connection
Stainless steel 316L (1.4435)
5
Tuning fork
Stainless steel 316L (1.4435)
6
Blind plug
PA
7
Ground terminal
Stainless steel 316L
8
Cable gland
PA
9
Cable gland seal
NBR
–
Process seal (not shown)
NBR with aramid fibres
4.
Dimensions
4.1. G ¾" or NPT ¾" connection
Note:
Dimensions in mm, unless otherwise stated
16
G ¾ / (NPT ¾)
∅ 21.3
∅ 80.5
75.5
∅ 91
M20 x 1.5
cable gland
M20 x 1.5
closing screw
AF32
Switching
point



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com