Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8232 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 8232
Description  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  8232 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Type 8232
4 | 17
Visit product website 
Sensor model
Free chlorine sensor
“Trace” (zero-chlorine)
Free chlorine sensor
with 3  electrodes
Free chlorine sensor
with 2  electrodes
Total chlorine sensor
with 3  electrodes
Cross sensitivity/Inter-
ference
• ClO
2, O3 influence the
signal strongly.
• High concentrations
of bound chlorine can
increase the meas-
ured value.
• Corrosion inhibitors,
Stabilisers for water
hardness can lead to
measuring errors.
• Reducing agents
can lead to a loss in
slope.
• ClO
2 (factor 0.75), O3
(factor 0.8) influence
the signal.
• High concentrations
of bound chlorine can
increase the meas-
ured value.
• Corrosion inhibitors,
Stabilisers for water
hardness can lead to
measuring errors.
• ClO
2 (factor 9), O3
influence the signal.
• Electrolytically gener-
ated chlorine with a
cell without mem-
brane can disturb
measurement.
• ClO
2 (factor 1)
• O
3 (factor 1.3)
• Corrosion inhibitors,
Stabilisers for water
hardness can lead to
measuring errors.
Maintenance2.)
Control of the measuring
signal
Min. once a week rec-
ommended
Min. once a week rec-
ommended
Min. once a week rec-
ommended
Min. once a week rec-
ommended
Change of the mem-
brane cap
Once a year recom-
mended
Once a year recom-
mended
Once a year recom-
mended
Once a year recom-
mended
Change of the electrolyte Every 3…6 months
recommended
Once a year recom-
mended
Every 3…6 months
recommended
Once a year recom-
mended
Product accessories
Membrane cap
M48.2 with intern holder
(G-holder)
M48.4E (M48.4S for sea
water on request)
M20.2
M48.4E (M48.4S for
sea water or brine on
request)
Chlorination agent
Inorganic chlorine com-
pounds:
• NaOCl (sodium hy-
pochlorite)
• Ca(OCl)
2
• Chlorine gas
• Electrolytically gener-
ated chlorine
Inorganic chlorine com-
pounds:
• NaOCl (sodium hy-
pochlorite)
• Ca(OCl)
2
• Chlorine gas
• Electrolytically gener-
ated chlorine
Inorganic chlorine com-
pounds:
• NaOCl (sodium hy-
pochlorite)
• Ca(OCl)
2
• Chlorine gas
• Chlorine electrolysis
with membrane cell
(unsuitable: chlorine
electrolysis without
membrane cell)
Inorganic chlorine com-
pounds:
• NaOCl (sodium hy-
pochlorite)
• Ca(OCl)
2
• Chlorine gas
• Electrolytically gener-
ated chlorine
Suitable transmitter
Type 8619 multiCELL  Transmitter/Controller3.) or any transmitter with appropriate input
Further accessory
• Photometer MD100
• DPD-1 reagent
• External calibration
device
• Photometer MD100
• DPD-1 reagent
• Photometer MD100
• DPD-1 reagent
• Photometer MD100
• DPD-4 reagent
• DPD-1 + DPD-3
reagents
Detailed information can be found in chapter “9.5. Ordering chart accessories” on page 16.
Performance data
Sensor resolution
0.001 ppm
0.01 ppm
0.01 ppm
0.01 ppm
Run-in time
After first start-up and
maintenance operations
approx. 2 hours
After first start-up and
maintenance operations
approx. 2 hours
After first start-up and
maintenance operations
approx. 1 hour
After first start-up and
maintenance operations
approx. 2 hours
Response time (t90 %)
Approx. 120 s
Approx. 120 s
Approx. 30 s
Approx. 3 min. (brine
approx. 5 min.)
Sensor reactivity loss
After max. 4 weeks use
in chlorine-free water
After max. 24 hours use
in chlorine-free water
After max. 24 hours use
in chlorine-free water
After max. 24 hours use
in chlorine-free water



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com