Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8232 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 8232
Description  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 8232 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Type 8232
7 | 17
Visit product website 
Sensor model
Free chlorine sensor
“Trace” (zero-chlorine)
Free chlorine sensor
with 3  electrodes
Free chlorine sensor
with 2  electrodes
Total chlorine sensor
with 3  electrodes
Fluid pressure
Max. 0.5 bar (7.26 PSI),
operation with or with-
out retaining ring, no
pressure drops and/or
vibrations
• Max. 3.0 bar
(43.53 PSI), operation
with retaining ring, no
pressure drops and/
or vibrations
• Max. 0.5 bar
(7.26 PSI), operation
without retaining ring,
no pressure drops
and/or vibrations
• Max. 1 bar (14.5 PSI),
operation with
retaining ring, no
pressure drops and/
or vibrations
• Max. 0.5 bar
(7.26 PSI), operation
without retaining ring,
no pressure drops
and/or vibrations
• Max. 3.0 bar
(43.53 PSI), operation
with retaining ring, no
pressure drops and/
or vibrations
• Max. 0.5 bar
(7.26 PSI), operation
without retaining ring,
no pressure drops
and/or vibrations
If the pressure ranges given for the holder and the used sensor are different, use the most restrictive range. Pressure drops are not
allowed; the membrane could be damaged
Process/Pipe connection & communication
Process connection
With probe holder Type 8200, see data sheet Type 8200 .
Electrical connection
5-pin M12 circular male
connector
5-pin M12 circular male
connector
5-pin M12 circular male
connector
5-pin M12 circular male
connector
Approvals and certificates
Directives
CE directive
The applied standards, which verify conformity with the EU Directives, can be found on the EU Type
Examination Certificate and/or the EU Declaration of conformity (if applicable).
Environment and installation
Ambient temperature
Operation
0…+ 55 °C (+ 32…+ 131 °F)
Storage
• Probe: unlimited time at + 5…+ 40 °C (+ 41…+ 104 °F), frost protected, dry and without electrolyte
• Membrane cap:
– in original packing unlimited time at + 5…+ 40 °C (+ 41…+ 104 °F)
– used membrane caps cannot be stored
• Electrolyte: + 5…+ 35 °C (+ 41…+ 95 °F), 1 year or until the specified expiry date in original bottle
protected from sunlight
Transport
+ 5…+ 50 °C
(+ 41…+ 122 °F)
+ 5…+ 55 °C
(+ 41…+ 131 °F)
+ 5…+ 50 °C
(+ 41…+ 122 °F)
+ 5…+ 50 °C
(+ 41…+ 122 °F)
Relative air humidity
≤ 90 %, without condensation
Height above sea level
Max. 2000 m
Degree of protection ac-
cording to IEC/EN 60529
IP65 with cable plug mounted and tightened
1.) Avoids fouling effects on the membrane in water without any chlorine for up to four weeks.
2.) Depends strongly on the water quality; values are recommendations for drinking water quality.
3.) Analogue input board necessary. Software variant of input board must be A.03.00 or higher; otherwise contact your local Bürkert support.
4.) A potential-free electrical connection is necessary as the chlorine sensor is not equipped with a galvanic isolation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com