Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8232 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 8232
Description  Chlorine sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8232 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  8232 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8232 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Visit product website 
DATA SHEET
Type 8619
multiCELL - Multi-chan-
nel and multi-function
transmitter/controller
Type 8200
Armatures for analytical
sensors
Standard | EU | en | 202212 | 10
Chlorine sensor
• Free chlorine sensor “Trace” with three electrodes for measuring at
low concentrations
• Free chlorine sensor with three electrodes and greatly reduced pH
dependency
• Free chlorine sensor with two electrodes for standard applications
at a constant pH value
• Total chlorine sensor with three electrodes and greatly reduced pH
dependency
The 8232 from Bürkert is an electrochemical sensor for measuring the free or
total chlorine content of an inorganic source (chlorine gas, sodium hypochlo-
rite solution, ...).
Four variants of Type 8232 are available:
• The “Trace” chlorine sensor (zero chlorine) equipped with three electrodes
is suitable for measuring very low concentrations of free chlorine. The
diaphragm of this sensor is protected against biofouling and can therefore
work for up to four weeks in water without chlorine. It has a voltage output
on a 5-pin M12 circular male connector.
• The free chlorine sensor with three electrodes offers greatly reduced pH
dependency. The sensor has a current output on a 5-pin M12 circular male
connector and is designed for applications in swimming pool, drinking or
sea water. The liquid must contain a minimum chlorine concentration (≥ 0.1
ppm).
• The free chlorine sensor with two electrodes delivers a current output on
on a 5-pin M12 circular male connector. This sensor is designed for use
with swimming pool, drinking or process water. The fluid being measured
must not contain any cleaning agents (e.g. surfactants) or abrasive parti-
cles. The pH value must be kept at a constant level. The fluid must contain
a minimum chlorine concentration (≥ 0.1 ppm)
• The total chlorine sensor with three electrodes offers greatly reduced pH
dependency. The sensor has a current output on a 5-pin M12 circular male
connector and is suitable for applications in swimming pools, drinking or
sea water, and brine.
It measures total chlorine = free chlorine + combined chlorine.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8232
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 8232

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8232 FILTRAN-8232 Datasheet
257Kb / 2P
LAN 10 BASE-T Surface Mount Interface Modules
logo
API Technologies Corp
8232 APITECH-8232 Datasheet
1Mb / 2P
10 Base-T Surface Mount Interface Modules
logo
Belden Inc.
8232 BELDEN-8232 Datasheet
151Kb / 3P
Video Triax, RG59, #20 Solid
11-09-2022
logo
Sealevel Systems, Inc.
8232 SEALEVEL-8232 Datasheet
666Kb / 2P
USB to 8 Inputs / 8 Form C High-Current Relay Outputs Digital Interface Adapter
logo
Belden Inc.
8232-0101000 BELDEN-8232-0101000 Datasheet
151Kb / 3P
Video Triax, RG59, #20 Solid
11-09-2022
More results

Similar Description - 8232

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CL200 EXTECH-CL200 Datasheet
149Kb / 9P
Waterproof Total Residual Chlorine Tester
logo
Pentair plc. All rights...
CB20-302E PENTAIR-CB20-302E Datasheet
307Kb / 2P
HIGH FLOW, HIGH CAPACITY CARBON FILTER FOR CHLORINE AND CHLORAMINE REDUCTION
CFB-PLUS PENTAIR-CFB-PLUS Datasheet
226Kb / 2P
SEDIMENT FILTRATION AND CHLORINE TASTE & ODOR REDUCTION IN A SINGLE CARTRIDGE
RO-2550 PENTAIR-RO-2550 Datasheet
259Kb / 2P
REDUCES LEAD AND CHLORINE TASTE & ODOR
logo
Figaro Engineering Inc.
FECS45-10 FIGARO-FECS45-10 Datasheet
328Kb / 2P
Detection of Chlorine
logo
TE Connectivity Ltd
MS5839-02BA TEC-MS5839-02BA Datasheet
699Kb / 16P
Ultra-compact, chlorine resistant, digital pressure and temperature sensor
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
Zhengzhou Winsen Electr...
ME4-CL2 WINSEN-ME4-CL2 Datasheet
637Kb / 6P
Chlorine Gas Sensor
logo
Endress+Hauser Group Se...
CCA250 EH-CCA250 Datasheet
525Kb / 8P
Flow assembly for chlorine and pH/ORP sensors
CCM223 EH-CCM223 Datasheet
647Kb / 24P
Measurement of free chlorine/chlorine dioxide/ total chlorine
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com