Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KX4 Datasheet(PDF) 4 Page - Sensata Technologies, Inc.

Part # KX4
Description  SINE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

KX4 Datasheet(HTML) 4 Page - Sensata Technologies, Inc.

  KX4 Datasheet HTML 1Page - Sensata Technologies, Inc. KX4 Datasheet HTML 2Page - Sensata Technologies, Inc. KX4 Datasheet HTML 3Page - Sensata Technologies, Inc. KX4 Datasheet HTML 4Page - Sensata Technologies, Inc. KX4 Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.sensata.com
Page 4
Copyright © 2018 Sensata Technologies, Inc.
004 ROLLER LEAF SWITCH PACKAGE, 2 POLE (10 amps)
005 PLUNGER SWITCH PACKAGE, 2 POLE (10 amps)
006 LEAF SWITCH PACKAGE, 4 POLE (10 amps)
Basic Switch
KX4
KX5-1
KX5-2
Actuating Force
(max)
160 oz
160 oz
160 oz
Release Force
(max)
32 oz
32 oz
32 oz
Pretravel (max)
.150” (3.81mm)
Movement Diff.
(max)
.020” (.76mm)
Overtravel (min)
.450” (11.43mm)
Basic Switch
KX4
KX5-1
KX5-2
Actuating Force
(max)
96 oz
96 oz
96 oz
Release Force
(max)
32 oz
32 oz
32 oz
Pretravel (max)
.075” (1.91mm)
Movement Diff.
(max)
.030” (.76mm)
Overtravel (min)
.175” (4.45mm)
Positive
Overtravel Stop
Yes
Max Force on
Actuator
20 lbs
Approx Weight
(no leads)
12 oz
Basic Switch
KX4
KX5-1
KX5-2
Actuating Force
(max)
48 oz
48 oz
48 oz
Release Force
(max)
8 oz
8 oz
8 oz
Movement Diff.
(max)
.090” (2.29mm)
AWG #20
POSITION
NOTE: LEADS SHOWN ABOVE ARE BENT AT 90 DEGREES,
HOWEVER STRAIGHT LEADS ARE ALSO AVAILABLE UPON REQUEST.
NOTE: LEADS SHOWN ABOVE ARE BENT AT 90 DEGREES,
HOWEVER STRAIGHT LEADS ARE ALSO AVAILABLE UPON REQUEST.
Note: All dimensions are reference only.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com