Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KX4 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # KX4
Description  SINE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

KX4 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  KX4 Datasheet HTML 1Page - Sensata Technologies, Inc. KX4 Datasheet HTML 2Page - Sensata Technologies, Inc. KX4 Datasheet HTML 3Page - Sensata Technologies, Inc. KX4 Datasheet HTML 4Page - Sensata Technologies, Inc. KX4 Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| KX SERIES
SINE SWITCH
Introduction
Aerospace and defense customers rely on the SENSATA KX Series sealed sine switch when freedom from environmental conditions is required. The
versatile KLIXON sine switch element eliminates knife edges and high friction joints. It is sealed within a one-piece steel case with a metal “wave
type” diaphragm at the actuating lever engineered to withstand high or low ambient pressures. Typical uses on aircraft include door interlock systems,
engine ignition, and thrust reverser indication.
Features
• Hermetic or environmental sealing options provide design freedom for
various environmental conditions
• Compactly designed to fit small, narrow spaces
• Snap-acting Klixon sine switch provides exceptional resistance to shock
and vibration
• Available with either screw or solder lug type terminals
• Wire leads are available
• Lead lengths can be supplied to customer requirements
SPECIFICATIONS
Device
Sealed Enclosure Requirement
Maximum Temp.
KX4
Symbol 4 per MIL-PRF-8805 (epoxy sealed)
160º F (71°C)
KX5-1
Symbol 5 per MIL-PRF-8805 (fusion sealed)
275º F (135°C)
KX5-2
Symbol 5 per MIL-PRF-8805 (fusion sealed)
375º F (190°C)
Applications
• Door interlock systems on aircraft and industrial equipment/machinery
• Aircraft engine ignitions
• Stowed/deployed indication for thrust reversers
• Aircraft missle launcher position indication
• External stores emergency jettison switches
• Safety ignition indication for military jet engines
• Radar pod door switches
• Tank/armored personnel carrier missle launcher switches
• Tank gun turret position indication
Where KX5 or KX4 is the temperature rating and type of seal:


Similar Part No. - KX4

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KX42351 KEXIN-KX42351 Datasheet
445Kb / 3P
LED
KX42351NA KEXIN-KX42351NA Datasheet
445Kb / 3P
LED
KX42351NB KEXIN-KX42351NB Datasheet
445Kb / 3P
LED
KX42351NC KEXIN-KX42351NC Datasheet
445Kb / 3P
LED
KX42351ND KEXIN-KX42351ND Datasheet
445Kb / 3P
LED
More results

Similar Description - KX4

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD360 GOLLEDGE-HCD360 Datasheet
62Kb / 1P
OCXO Sine Output
logo
Pletronics, Inc.
SW1145BYE PLETRONICS-SW1145BYE Datasheet
200Kb / 7P
Sine Wave Oscillators
logo
Oscilent Corporation
580-22.0M-315A OSCILENT-580-22.0M-315A Datasheet
144Kb / 2P
Clipped Sine Wave
582-19.6608M-315A OSCILENT-582-19.6608M-315A Datasheet
141Kb / 2P
Clipped Sine Wave
581 OSCILENT-581 Datasheet
134Kb / 2P
Clipped Sine Wave
582 OSCILENT-582 Datasheet
141Kb / 2P
Clipped Sine Wave
logo
Vicor Corporation
VTM48KP020X088AA1 VICOR-VTM48KP020X088AA1_17 Datasheet
152Kb / 3P
Sine Amplitude Converter
VTM48MP010T135AA0 VICOR-VTM48MP010T135AA0 Datasheet
140Kb / 3P
Sine Amplitude Converter
VTM48MP010X107AA1 VICOR-VTM48MP010X107AA1_17 Datasheet
153Kb / 3P
Sine Amplitude Converter
VTM48MP012T130AA0 VICOR-VTM48MP012T130AA0 Datasheet
150Kb / 3P
Sine Amplitude Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com