Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KX4 Datasheet(PDF) 2 Page - Sensata Technologies, Inc.

Part # KX4
Description  SINE SWITCH
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

KX4 Datasheet(HTML) 2 Page - Sensata Technologies, Inc.

  KX4 Datasheet HTML 1Page - Sensata Technologies, Inc. KX4 Datasheet HTML 2Page - Sensata Technologies, Inc. KX4 Datasheet HTML 3Page - Sensata Technologies, Inc. KX4 Datasheet HTML 4Page - Sensata Technologies, Inc. KX4 Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.sensata.com
Page 2
Copyright © 2018 Sensata Technologies, Inc.
Resilient Standard Temp.
Hermetic Standard Temp.
Hermetic High Temp.
KX4
KX5-1
KX5-2
Actuating Force
8 - 24 oz.
8 - 24 oz.
16 - 48 oz.
Release Force
3.0 oz. min.
3.0 oz. min.
3.0 oz. min.
Pretravel
0.025” max.
0.025” max.
0.035” max.
Movement Differential
0.020” max.
0.020” max.
0.024” max.
Overtravel
0.015” min.
0.015” min.
0.015” min.
Positive, Overtravel Stop
Yes
Yes
Yes
Max. Allowable Force on Actuator
25 lbs. Min.
25 lbs. Min.
25 lbs. Min.
Ambient Temperature Range
-65°F to +160°F
(-53.8°C to +71.1°C)
-65°F to +275°F
(-53.8°C to +135°C)
-65°F to +375°F
(-53.8°C to +190.5°C)
Current Rating
28 VDC
110 VAC, 60-400Hz
Resistive
5 Amps
Inductive
3 Amps
Lamp
2 Amps
Minimum Life at Rated Load
25,000 cycles
25,000 cycles
25,000 cycles
Vibration Resistance - MIL-
STD-202-204 (Test Condition A)
10 G
10 G
10 G
Shock Resistance
1/2 sine wave, 11ms duration
100 G w/o damage
100 G w/o damage
100 G w/o damage
Dielectric Strength
1250 VRMS
1250 VRMS
1250 VRMS
Contact Arrangement
SPDT
SPDT
SPDT
Backfill
n/a
Dry nitrogen
Dry nitrogen
Seal
Enclosure 4, *Resilient
Enclosure 5, **Hermetic
Enclosure 5, **Hermetic
Weight
1.0 oz. max.
1.1 oz. max.
1.2 oz. max.
Performance Characteristics
* Leakage Rate = 1 x 10-6 cc std atmosphere Helium/second
** Leakage Rate = 1 x 10-8 cc std atmosphere Helium/second
Revise to read “Dimensions in inches (mm)
Note: Terminal configurations shown below for illustration purposes
DIMENSIONS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com