Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 24 Page - OSRAM GmbH

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7264N Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button AS7264N Datasheet HTML 20Page - OSRAM GmbH AS7264N Datasheet HTML 21Page - OSRAM GmbH AS7264N Datasheet HTML 22Page - OSRAM GmbH AS7264N Datasheet HTML 23Page - OSRAM GmbH AS7264N Datasheet HTML 24Page - OSRAM GmbH AS7264N Datasheet HTML 25Page - OSRAM GmbH AS7264N Datasheet HTML 26Page - OSRAM GmbH AS7264N Datasheet HTML 27Page - OSRAM GmbH AS7264N Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
ams Datasheet
Page 23
[v1-00] 2017-Oct-05
Document Feedback
AS7264N − Detailed Descriptions
Figure 26:
Auto Zero Register
Addr: 0xBA
Auto_Zero
Bit
Bit Name
Default
Access
Bit Description
7
DONE
0
R/W
Will be set to 1 when any auto zero function is
completed. Set to 0 if writing to the register.
6:4
RESV
0
R/W
Reserved, set to 000 if writing the register
3
B440_EN
0
R/W
Set to 1 to manually run auto zero on the B440 channel.
Will be automatically set to 0 when DONE bit is set.
2
X_EN
0
R/W
Set to 1 to manually run auto zero on the X channel. Will
be automatically set to 0 when DONE bit is set.
1
Y_EN
0
R/W
Set to 1 to manually run auto zero on the Y channel. Will
be automatically set to 0 when DONE bit is set.
0
Z_EN
0
R/W
Set to 1 to manually run auto zero on the Z/B490
channel. Will be automatically set to 0 when DONE bit is
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com