Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7264N Datasheet(PDF) 25 Page - OSRAM GmbH

Part # AS7264N
Description  XYZ Chromatic Color and 440/490nm Blue Sensor with Electronic Shutter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7264N Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button AS7264N Datasheet HTML 21Page - OSRAM GmbH AS7264N Datasheet HTML 22Page - OSRAM GmbH AS7264N Datasheet HTML 23Page - OSRAM GmbH AS7264N Datasheet HTML 24Page - OSRAM GmbH AS7264N Datasheet HTML 25Page - OSRAM GmbH AS7264N Datasheet HTML 26Page - OSRAM GmbH AS7264N Datasheet HTML 27Page - OSRAM GmbH AS7264N Datasheet HTML 28Page - OSRAM GmbH AS7264N Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Page 24
ams Datasheet
Document Feedback
[v1-00] 2017-Oct-05
AS7264N − Detailed Descriptions
Temperature Measurement High Register (bits 9:2)
TMP_VALUE is the value from TMPL & TMPH (0xD2 [1:0] and
0xD1 [7:0]) registers (see the Temperature Sensor section of this
datasheet). Temperature conversion controlled by the TEMP_
Config register.
Figure 27:
Temperature Measurement High Register
Temperature Measurement Low Register (bits 1:0)
TMP_VALUE is the value from TMPL & TMPH (0xD2 [1:0] and
0xD1 [7:0]) registers (see the Temperature Sensor section of this
datasheet). Temperature conversion controlled by the TEMP_
Config register.
Figure 28:
Temperature Measurement Low Register
Figure 29:
Temperature Configure Register
Addr: 0xD1
TMPH
Bit
Bit Name
Default
Access
Bit Description
7:0
TMPH
R
Most significant 8 bits (9:2) of the temperature
measurement.
Addr: 0xD2
TMPL
Bit
Bit Name
Default
Access
Bit Description
7:0
TMPL
R
Least significant 2 bits (1:0) of the temperature
measurement.
Addr: 0xD3
TEMP_Config
Bit
Bit Name
Default
Access
Bit Description
7
ISTAT
0
R/W
Will be set to 1 when internal temperature measurement
is complete. Set to 0 if writing to the register.
6
RESV
0
R/W
Reserved, set to 0 if writing the register
5
START
0
R/W
Set to 1 to start a temperature conversion cycle. Set to 0
for IDLE state.
4
RESV
0
R/W
Reserved, set to 0 if writing the register
3:0
SRC
0
R/W
Set to 0100 to start a temperature conversion cycle. Set
to 0000 for IDLE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com