Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34001FN Datasheet(PDF) 11 Page - OSRAM GmbH

Part # TCS34001FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34001FN Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button TCS34001FN Datasheet HTML 7Page - OSRAM GmbH TCS34001FN Datasheet HTML 8Page - OSRAM GmbH TCS34001FN Datasheet HTML 9Page - OSRAM GmbH TCS34001FN Datasheet HTML 10Page - OSRAM GmbH TCS34001FN Datasheet HTML 11Page - OSRAM GmbH TCS34001FN Datasheet HTML 12Page - OSRAM GmbH TCS34001FN Datasheet HTML 13Page - OSRAM GmbH TCS34001FN Datasheet HTML 14Page - OSRAM GmbH TCS34001FN Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Page 10
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-09
TCS3400 − Typical Operating Characteristics
Figure 15:
Spectral Responsivity
Typical Operating
Characteristics
Wavelength (nm)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
300
400
500
600
700
800
900
1000
1100
Clear
Red
Green
Blue
IR Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com