Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34001FN Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TCS34001FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34001FN Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TCS34001FN Datasheet HTML 9Page - OSRAM GmbH TCS34001FN Datasheet HTML 10Page - OSRAM GmbH TCS34001FN Datasheet HTML 11Page - OSRAM GmbH TCS34001FN Datasheet HTML 12Page - OSRAM GmbH TCS34001FN Datasheet HTML 13Page - OSRAM GmbH TCS34001FN Datasheet HTML 14Page - OSRAM GmbH TCS34001FN Datasheet HTML 15Page - OSRAM GmbH TCS34001FN Datasheet HTML 16Page - OSRAM GmbH TCS34001FN Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Page 12
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-09
TCS3400 − Functional Description
The TCS3400 device provides ambient light sensing and color
temperature sensing. The internal state machine manages the
operation of the device. It controls the ALS functionality and
power down modes. Average power consumption is managed
via control of variable endurance low power wait cycles.
The interrupt feature improves system efficiency by eliminating
the need to poll the sensor. Two interrupt sources (ALS, ALS
saturation) can activate the open drain output pin. Each
interrupt source is enabled independently. ALS interrupts
appear when upper or lower thresholds are exceeded for a
consecutive number of sample readings.
The advanced digital color light sensor portion of the TCS3400
contains a segmented circular photodiode array used for color
measurements. This architecture provides stable color sensing
independent of the incident angle of light. Four integrating
analog-to-digital converters (ADCs) integrate light energy from
photodiodes simultaneously.
Figure 18:
Simplified ALS State Machine
Communication with the device is
accomplished through a fast (up to
400 kHz) two wire I²C serial bus for easy
connection to a microcontroller or
embedded controller. The device
typically draws only 235μA in color
operation and 1μA during power down.
Functional Description
Sleep
Start
Wait
RGBC
PON = 1
(0x80:b0)
PON = 0
(0x80:b0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com