Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34001FN Datasheet(PDF) 22 Page - OSRAM GmbH

Part # TCS34001FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34001FN Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button TCS34001FN Datasheet HTML 18Page - OSRAM GmbH TCS34001FN Datasheet HTML 19Page - OSRAM GmbH TCS34001FN Datasheet HTML 20Page - OSRAM GmbH TCS34001FN Datasheet HTML 21Page - OSRAM GmbH TCS34001FN Datasheet HTML 22Page - OSRAM GmbH TCS34001FN Datasheet HTML 23Page - OSRAM GmbH TCS34001FN Datasheet HTML 24Page - OSRAM GmbH TCS34001FN Datasheet HTML 25Page - OSRAM GmbH TCS34001FN Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Datasheet, Public
Page 21
[v2-00] 2023-Feb-09
Document Feedback
TCS3400 − Register Description
RGBC Data Registers (0x94 - 0x9B)
Clear, red, green, and blue data is stored as 16-bit values. The
read sequence must read byte pairs (low followed by high)
starting on an even address boundary (0x94, 0x96, 0x98, or
0x9A) inside the RGBC Data Register block. When the lower byte
register is read, the upper eight bits are stored into a shadow
register, which is read by a subsequent read to the upper byte.
The upper register will read the correct value even if additional
ADC integration cycles end between the reading of the lower
and upper registers.
Figure 31:
RGBC Data Registers
Register
Address
Bits
Description
CDATAL
0x94
7:0
Clear / IR data low byte
CDATAH
0x95
7:0
Clear / IR data high byte
RDATAL
0x96
7:0
Red data low byte
RDATAH
0x97
7:0
Red data high byte
GDATAL
0x98
7:0
Green data low byte
GDATAH
0x99
7:0
Green data high byte
BDATAL
0x9A
7:0
Blue data low byte
BDATAH
0x9B
7:0
Blue data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com