Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34007FN Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TCS34007FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34007FN Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TCS34007FN Datasheet HTML 4Page - OSRAM GmbH TCS34007FN Datasheet HTML 5Page - OSRAM GmbH TCS34007FN Datasheet HTML 6Page - OSRAM GmbH TCS34007FN Datasheet HTML 7Page - OSRAM GmbH TCS34007FN Datasheet HTML 8Page - OSRAM GmbH TCS34007FN Datasheet HTML 9Page - OSRAM GmbH TCS34007FN Datasheet HTML 10Page - OSRAM GmbH TCS34007FN Datasheet HTML 11Page - OSRAM GmbH TCS34007FN Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Datasheet, Public
Page 7
[v2-00] 2023-Feb-09
Document Feedback
TCS3400 − Electrical Characteristics
Figure 10:
Optical Characteristics, VDD=3V, TA=25°C
Note(s):
1. The 465 nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: dominant wavelength
λD = 465 nm, spectral halfwidth Δλ½ = 22 nm.
2. The 525 nm input irradiance is supplied by an InGaN light-emitting diode with the following characteristics: dominant wavelength
λD = 525 nm, spectral halfwidth Δλ½ = 35 nm.
3. The 615 nm input irradiance is supplied by a AlInGaP light-emitting diode with the following characteristics: dominant wavelength
λD = 615 nm, spectral halfwidth Δλ½ = 15 nm.
4. The 850 nm input irradiance is supplied by an AlGaAs light-emitting diode with the following characteristics: peak wavelength
λP = 850 nm, spectral halfwidth Δλ½ = 42 nm.
Parameter
Test Conditions
Red /
Clear
Channel
Green /
Clear
Channel
Blue /
Clear
Channel
IR /
Clear
Channel
Min
Max
Min
Max
Min
Max
Min
Max
Color ADC
count value
ratio:
Color / Clear
λD = 465 nm
(1)
0%
13%
10%
38%
70%
91%
λD = 525 nm
(2)
3%
22%
59%
86%
10%
40%
λD = 615 nm
(3)
80%
110%
0%
15%
3%
26%
0%
5%
λP = 850 nm
(4)
667%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com