Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34007FN Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TCS34007FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34007FN Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TCS34007FN Datasheet HTML 15Page - OSRAM GmbH TCS34007FN Datasheet HTML 16Page - OSRAM GmbH TCS34007FN Datasheet HTML 17Page - OSRAM GmbH TCS34007FN Datasheet HTML 18Page - OSRAM GmbH TCS34007FN Datasheet HTML 19Page - OSRAM GmbH TCS34007FN Datasheet HTML 20Page - OSRAM GmbH TCS34007FN Datasheet HTML 21Page - OSRAM GmbH TCS34007FN Datasheet HTML 22Page - OSRAM GmbH TCS34007FN Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Page 18
Datasheet, Public
Document Feedback
[v2-00] 2023-Feb-09
TCS3400 − Register Description
Configuration Register (CONFIG 0x8D)
The CONFIG register sets the wait long time. The registers is set
0x40 at power up.
Figure 25:
Configuration Register
Note(s):
1. Bit 6 is reserved and has to be programmed = 1.
Control Register (CONTROL 0x8F)
Figure 26:
Control Register
7
6
5
4
3
2
1
0
Reserved
Reserved1
Reserved
WLONG
Reserved
Field
Bits
Description
Reserved
7
Reserved. Write as 0.
Reserved (1)
6
Reserved. Write as 1.
Reserved
5:2
Reserved. Write all as 0.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12x
from that programmed in the WTIME register.
Reserved
0
Reserved. Write as 0.
7
6
5
4
3
2
1
0
Reserved
AGAIN
Field
Bits
Description
Reserved
7:2
Reserved. Write all as 0.
AGAIN
1:0
RGBC Gain Control.
FIELD VALUE
RGBC GAIN VALUE
00
1x Gain
01
4x Gain
10
16x Gain
11
64x Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com