Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34007FN Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TCS34007FN
Description  Color Light-to-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34007FN Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TCS34007FN Datasheet HTML 26Page - OSRAM GmbH TCS34007FN Datasheet HTML 27Page - OSRAM GmbH TCS34007FN Datasheet HTML 28Page - OSRAM GmbH TCS34007FN Datasheet HTML 29Page - OSRAM GmbH TCS34007FN Datasheet HTML 30Page - OSRAM GmbH TCS34007FN Datasheet HTML 31Page - OSRAM GmbH TCS34007FN Datasheet HTML 32Page - OSRAM GmbH TCS34007FN Datasheet HTML 33Page - OSRAM GmbH TCS34007FN Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Datasheet, Public
Page 29
[v2-00] 2023-Feb-09
Document Feedback
TCS3400 − Ordering & Contact Information
The device is packaged in a small OFN (Optical FN) package
which is 2mm x 2.4mm.
Figure 40:
Ordering Information
Note(s):
1. Contact ams OSRAM for availability.
Buy our products or get free samples online at:
www.ams.com/Products
Technical Support is available at:  
www.ams.com/Technical-Support
Provide feedback about this document at:
www.ams.com/Document-Feedback
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/Contact
Headquarters
ams-OSRAM AG
Tobelbader Strasse 30
8141 Premstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering Code
Address
Interface
Delivery
Form
Delivery
Quantity
TCS34001FN
0x39
I²C VBUS = VDD Interface
FN-6
12000 pcs/reel
TCS34001FNM
0x39
I²C VBUS = VDD Interface
FN-6
500 pcs/reel
TCS34003FN
0x39
I²C bus = 1.8V Interface
FN-6
12000 pcs/reel
TCS34003FNM
0x39
I²C bus = 1.8V Interface
FN-6
500 pcs/reel
TCS34005FN (1)
0x29
I²C VBUS = VDD Interface
FN-6
12000 pcs/reel
TCS34005FNM (1)
0x29
I²C VBUS = VDD Interface
FN-6
500 pcs/reel
TCS34007FN
0x29
I²C bus = 1.8V Interface
FN-6
12000 pcs/reel
TCS34007FNM
0x29
I²C bus = 1.8V Interface
FN-6
500 pcs/reel
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com