Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34711FN Datasheet(PDF) 10 Page - OSRAM GmbH

Part # TCS34711FN
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34711FN Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button TCS34711FN Datasheet HTML 6Page - OSRAM GmbH TCS34711FN Datasheet HTML 7Page - OSRAM GmbH TCS34711FN Datasheet HTML 8Page - OSRAM GmbH TCS34711FN Datasheet HTML 9Page - OSRAM GmbH TCS34711FN Datasheet HTML 10Page - OSRAM GmbH TCS34711FN Datasheet HTML 11Page - OSRAM GmbH TCS34711FN Datasheet HTML 12Page - OSRAM GmbH TCS34711FN Datasheet HTML 13Page - OSRAM GmbH TCS34711FN Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ams Datasheet
Page 9
[v1-01] 2018-Mar-27
Document Feedback
TCS3471 − Absolute Maximum Ratings
Figure 11:
AC Electrical Characteristics; VDD = 3 V, TA = 25ºC, (unless otherwise noted)
Note(s):
1. Specified by design and characterization; not production tested.
Symbol
Parameter(1)
Test
Conditions
Min
Typ
Max
Unit
f(SCL)
Clock frequency (I²C)
0
400
kHz
t(BUF)
Bus free time between start and stop
condition
1.3
μs
t(HDSTA)
Hold time after (repeated) start
condition. After this period, the first
clock is generated.
0.6
μs
t(SUSTA)
Repeated start condition setup time
0.6
μs
t(SUSTO)
Stop condition setup time
0.6
μs
t(HDDAT)
Data hold time
0
μs
t(SUDAT)
Data setup time
100
ns
t(LOW)
SCL clock low period
1.3
μs
t(HIGH)
SCL clock high period
0.6
μs
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
300
ns
Ci
Input pin capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com