Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34711FN Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TCS34711FN
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34711FN Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TCS34711FN Datasheet HTML 12Page - OSRAM GmbH TCS34711FN Datasheet HTML 13Page - OSRAM GmbH TCS34711FN Datasheet HTML 14Page - OSRAM GmbH TCS34711FN Datasheet HTML 15Page - OSRAM GmbH TCS34711FN Datasheet HTML 16Page - OSRAM GmbH TCS34711FN Datasheet HTML 17Page - OSRAM GmbH TCS34711FN Datasheet HTML 18Page - OSRAM GmbH TCS34711FN Datasheet HTML 19Page - OSRAM GmbH TCS34711FN Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
ams Datasheet
Page 15
[v1-01] 2018-Mar-27
Document Feedback
TCS3471 − Principles Of Operation
Interrupts
The interrupt feature simplifies and improves system efficiency
by eliminating the need to poll the sensor for light intensity
values outside of a user-defined range. While the interrupt
function is always enabled and it’s status is available in the
status register (0x13), the output of the interrupt state can be
enabled using the RGBC interrupt enable (AIEN) field in the
enable register (0x00).
Two 16-bit interrupt threshold registers allow the user to set
limits below and above a desired light level range. An interrupt
can be generated when the RGBC Clear data (CDATA) falls
outside of the desired light level range, as determined by the
values in the RGBC interrupt low threshold registers (AILTx) and
RGBC interrupt high threshold registers (AIHTx). It is important
to note that the low threshold value must be less than the high
threshold value for proper operation.
To further control when an interrupt occurs, the device provides
a persistence filter. The persistence filter allows the user to
specify the number of consecutive out-of-range RGBC
occurrences before an interrupt is generated. The persistence
register (0x0C) allows the user to set the persistence (APERS)
value. See the Persistence Register (0x0C) for details on the
persistence filter values. Once the persistence filter generates
an interrupt, it will continue until a special function interrupt
clear command is received (see Command Register).
Figure 19:
Programmable Interrupt
Clear
ADC
Clear
Data
Clear
Upper Limit
Lower Limit
AIHTH(r 07), AIHTL(r 06)
RGBC Persistence
AILTH(r 05), AILTL(r 04)
PPERS(r 0x0C, b3:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com