Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS34711FN Datasheet(PDF) 3 Page - OSRAM GmbH

Part # TCS34711FN
Description  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS34711FN Datasheet(HTML) 3 Page - OSRAM GmbH

  TCS34711FN Datasheet HTML 1Page - OSRAM GmbH TCS34711FN Datasheet HTML 2Page - OSRAM GmbH TCS34711FN Datasheet HTML 3Page - OSRAM GmbH TCS34711FN Datasheet HTML 4Page - OSRAM GmbH TCS34711FN Datasheet HTML 5Page - OSRAM GmbH TCS34711FN Datasheet HTML 6Page - OSRAM GmbH TCS34711FN Datasheet HTML 7Page - OSRAM GmbH TCS34711FN Datasheet HTML 8Page - OSRAM GmbH TCS34711FN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
Page 2
ams Datasheet
Document Feedback
[v1-01] 2018-Mar-27
TCS3471 − General Description
• Low Power Wait State
•65
μA Typical Current
• Wait Timer is Programmable from
2.4 ms to > 7seconds
• Sleep Mode - 2.5
μA Typical Current
• I²C Interface Compatible
• Up to 400 kHz (I²C Fast Mode)
• Dedicated Interrupt Pin
• Pin and Register Set Compatible with the TCS3x7x Family
of Devices
Applications
TCS3471, Color Light-to-Digital Converter is ideal for:
• Color Temperature Sensing
• RGB LED Backlight Control
• Color Display Closed-Loop Feedback Control
• Ambient Light Sensing for Display Brightness Control
• Industrial Process Control
• Medical Diagnostics
End Products and Market Segments
• HDTVs, Mobile Handsets, Tablets, Laptops, Monitors, PMP
(Portable Media Payers)
• Medical Instrumentation
• Consumer Toys
• Industrial/Commercial Lighting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com