Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Electrical Rotary Actuator - On/Off and control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Type 3003
PS
3 | 10
Visit product website 
1.
General technical data
1.1. General data
Product properties
Dimensions
Detailed information can be found in chapter “3. Dimensions” on page 5.
Material
Cover
Polycarbonate (Lexan 943A)
Body
Aluminium silicon alloy (AlSi12)
Weight
On/Off version
(without accessories)
2.5 kg
Control version
(without accessories)
4 kg
Drive
Double square 17 mm
Optical position indicator
Standard
Performance data
Torque
On/Off actuator
25 Nm, 50 Nm
Control version
25 Nm, 45 Nm
Rotation angle
90º (adjustable)
Rotation time (90 %)
5…80 sec
Detailed information can be found in chapter “6. Ordering information” on page 7.
Options
Heating resistor (except at 400 V 3~)
Potentiometer (100/200/500/1000/2000 Ohm)
Electrical data
Operating voltage
Synchronous motor
24 V AC / 115 V AC 1~ / 230 V AC 1~ / 400 V 3~
DC motor
2.1 kg
Limit switches
4 adjustable (2 for the motor and 2 for the position feedback), max. 250 V AC
1 A inductive load
3 A ohmic load
Power consumption
8 W…55 W
Detailed information can be found in chapter “6. Ordering information” on page 7.
Over-voltage category
II
Control drive with analogue input signal and output signal
Input
0/4…20 mA / 0/2…V
Output
- 0…10 V
Motor protection
Thermoswitch
Multiple fuse for on/off version with 24 V DC
Duty cycle
Acc to IEC60034 - 1.8
S2 short-term operation (on/off) 20 min
S3/S4 control operation 1200 cycles/hour - 25% ED at 25° C
Process/Port connection & communication
Electrical connection
Cable glands M20 × 1.5
Environment and installation
Installation position
Do not mount the actuator upside down, max. installation angle: 90°
Ambient temperature
Open/Close Application
- 25 °C…+ 70 °C (S2)
Control version
- 20 °C…+ 60 °C (S4)
Degree of protection
IP65 acc. to EN 60529



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com