Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Electrical Rotary Actuator - On/Off and control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  3003 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Visit product website 
DATA SHEET
PS
Type 2651
2/2 or 3/2 way Ball
Valve, 2-Piece
Type 2654
2/2-way ball valve
3-piece
Type 2657
Ball Valve, manual-
ly-operated
Type 2671
Butterfly valve
Type 2674
Plastic butterfly valve
Type TKU001
2/2 way compact flange
ball valve
Standard | EU | en | 202208 | 02
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 3003
© Christian Bürkert GmbH & Co. KG, Subject to alteration
Electrical Rotary Actuator - On/Off and control
• Direct mounting on ball & butterfly valves
• Manual override standard
• Adjustable limit switches
• Robust housing
The electrical rotary actuator type 3003 PS is a compact and powerful actua-
tor system, which provides a long lifetime.
Materials and components have been chosen for maintenance-free opera-
tion even in aggressive environments and ensure low thermal loading on the
actuator.
The robust housing protects the actuator against environmental influences
and impacts. Moreover the modular design offers to add many additional
features such as heating resistors and potentiomters.


Similar Part No. - 3003

ManufacturerPart #DatasheetDescription
logo
GHz Technology
3003 GHZTECH-3003 Datasheet
234Kb / 4P
3 Watts - 28 Volts, Class C Microwave 3000 MHz
logo
Molex Electronics Ltd.
3003 MOLEX-3003 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
NXP Semiconductors
3003 NXP-3003 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
More results

Similar Description - 3003

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-Z RECOM-REC20-Z Datasheet
335Kb / 6P
External ON/OFF control
REC30-Z RECOM-REC30-Z Datasheet
343Kb / 6P
External ON/OFF control
logo
Festo Corporation.
DRVS-32-180-P-EX4 FESTO-DRVS-32-180-P-EX4 Datasheet
97Kb / 2P
Rotary actuator
DSM-10-240-P-A FESTO-DSM-10-240-P-A Datasheet
91Kb / 1P
Rotary actuator
DSM-10-240-P-A-FF-FW FESTO-DSM-10-240-P-A-FF-FW Datasheet
106Kb / 1P
Rotary actuator
DSM-10-240-P-FW FESTO-DSM-10-240-P-FW Datasheet
96Kb / 1P
Rotary actuator
DSM-12-270-P1-A-B FESTO-DSM-12-270-P1-A-B Datasheet
102Kb / 1P
Rotary actuator
DSM-16-270-A-B FESTO-DSM-16-270-A-B Datasheet
96Kb / 1P
Rotary actuator
DSM-16-270-CC-A-B FESTO-DSM-16-270-CC-A-B Datasheet
92Kb / 1P
Rotary actuator
DRVS-8-90-P-EX4 FESTO-DRVS-8-90-P-EX4 Datasheet
94Kb / 2P
Rotary actuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com