Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 3003
Description  Electrical Rotary Actuator - On/Off and control
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3003 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 3003 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 3003 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Type 3003
PS
8 | 10
Visit product website 
6.3. Ordering chart
On/Off actuator
Torque1.)
Rotation time2.)
Flange
Double
Square
Article no.
Article no.
Article no.
Article no.
Article no.
AC
DC
230 V AC 1~ 115 V AC 1~ 24 V AC 1~
400 V 3~
24 V DC
50 Hz 60 Hz
[Nm]
[s]
[s]
[s]
[s]
[mm]
25
17
14
–
F05/07
17
329988 
329989 
329990 
–
–
–
F04/07
329991 
329992 
329993 
–
–
–
–
9
F05/07
–
–
–
–
329994 
–
–
F04/07
–
–
–
–
329995 
50
6
5
–
F05/07
329996 
329997 
329998 
329999 
–
–
–
16
–
–
–
–
330000 
33
28
–
330001 
330002 
330003 
–
–
80
67
–
330004 
330005 
330006 
–
–
1.) For the actuator choice, we recommend a safety torque equal to 1.5 times of the valve maximal torque.
2.) Other rotation angles are available on request.
Control version with analogue input and output signal
Torque1.)
Rotation time2.)
Flange
Double
Square
Article no.
Article no.
Article no.
Article no.
Article no.
AC
DC
230 V AC 1~ 115 V AC 1~ 24 V AC 1~
400 V 3~
24 V DC
50 Hz 60 Hz
[Nm]
[s]
[s]
[s]
[s]
[mm]
25
17
14
–
F05/07
17
330007 
330008 
330010 
–
–
–
F04/07
330011 
330012 
330013 
–
–
45
17
14
–
F05/07
330014 
330015 
330016 
–
–
–
F04/07
330017 
330018 
330019 
–
–
1.) For the actuator choice, we recommend a safety torque equal to 1.5 times of the valve maximal torque.
2.) Other rotation angles are available on request.
Other versions on request
Voltage
Other supply voltages
6.4. Ordering chart accessories
Actuator accessories
Description
Article no.
Heating resistor (for 230 V AC and 115 V AC actuators)
774106 
Heating resistor (for 24 V AC/DC actuators)
774210 
Position feedback 2-wire technology
774107 
Position feedback 3-wire technology
774108 
Potentiometer 100 Ω (for On/Off version)
774109 
Potentiometer 200 Ω (for On/Off version)
774110 
Potentiometer 500 Ω (for On/Off version)
774111 
Potentiometer 1000 Ω (for On/Off version)
774112 
Potentiometer 2000 Ω (for On/Off version)
774113 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com