Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1691 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SD1691
Description  Complementary Silicon Power Ttransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SD1691 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SD1691 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-126
Parameter
l
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7.0
V
Collector Current
IC
5.0
A
Collector Peak Current
IC(peak)
8.0
A
Total Dissipation at
Ptot
20
W
Max. Operating Junction Temperature
Tj
150
oC
Storage Temperature
Tstg
-55~150
oC
2SD1691 / 2SB1151
DESCRIPTION
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cutoff Current
ICBO
VCB=50V, IE=0
—
—
10
uA
Emitter Cut-off Current
IEBO
VEB=7.0V, IC=0
—
—
10
uA
Collector-Emitter Sustaining Voltage
VCEO
IC=10mA, IB=0
60
—
—
V
DC Current Gain
hFE(1)
VCE=1.0V, IC=0.1A
60
—
—
hFE(2)
VCE=1.0V, IC=2.0A
100
—
400
hFE(3)
VCE=1.0V, IC=5.0A
50
—
—
Collector-Emitter Saturation Voltage
VCE(sat)
IC=2.0A,IB=0.2A
—
—
0.3
V
Base - Emitter Saturation Voltage
VBE(sat)
IC=2.0A,IB=0.2A
—
—
1.2
V
Storage Time
tstg
IC=2.0A, IB1=-IB2=0.2A
—
—
2.5
us
Complementary Silicon Power Ttransistors
Product specification
It is intented for use in power
amplifier and switching applications.
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
hfe(2): M 100~200, L 160~320, K 200~400
TIGER ELECTRONIC CO.,LTD


Similar Part No. - 2SD1691

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1691 NEC-2SD1691 Datasheet
150Kb / 2P
NPN SILICON POWER TRANSISTOR
logo
Unisonic Technologies
2SD1691 UTC-2SD1691 Datasheet
102Kb / 3P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
logo
Savantic, Inc.
2SD1691 SAVANTIC-2SD1691 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
logo
Renesas Technology Corp
2SD1691 RENESAS-2SD1691 Datasheet
237Kb / 6P
SILICON POWER TRANSISTOR
logo
Unisonic Technologies
2SD1691 UTC-2SD1691 Datasheet
250Kb / 4P
LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
More results

Similar Description - 2SD1691

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SB817 TGS-2SB817 Datasheet
70Kb / 1P
Complementary Silicon Power Ttransistors
2SB546A TGS-2SB546A Datasheet
132Kb / 1P
Complementary Silicon Power Ttransistors
BD139 TGS-BD139 Datasheet
59Kb / 1P
Complementary Silicon Power Ttransistors
BDX53C TGS-BDX53C Datasheet
72Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJE3055T TGS-MJE3055T Datasheet
93Kb / 1P
Complementary Silicon Power Ttransistors
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
Complementary Silicon Power Ttransistors
TIP41C TGS-TIP41C Datasheet
89Kb / 1P
Complementary Silicon Power Ttransistors
BDX53F-E TGS-BDX53F-E Datasheet
66Kb / 1P
Complementary Silicon Power Darlington Ttransistors
MJD31C TGS-MJD31C Datasheet
358Kb / 1P
Complementary Silicon Power Ttransistors
MJD41C TGS-MJD41C Datasheet
368Kb / 1P
Complementary Silicon Power Ttransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com