Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2635 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TMD2635
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2635 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TMD2635 Datasheet HTML 9Page - OSRAM GmbH TMD2635 Datasheet HTML 10Page - OSRAM GmbH TMD2635 Datasheet HTML 11Page - OSRAM GmbH TMD2635 Datasheet HTML 12Page - OSRAM GmbH TMD2635 Datasheet HTML 13Page - OSRAM GmbH TMD2635 Datasheet HTML 14Page - OSRAM GmbH TMD2635 Datasheet HTML 15Page - OSRAM GmbH TMD2635 Datasheet HTML 16Page - OSRAM GmbH TMD2635 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Page 12
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-04
TMD2635 − Register Description
Figure 14:
Register Overview
Address
Register Name
R/W
Register Function
Reset Value
0x80
ENABLE
R/W
Enables states and interrupts
0x00
0x82
PRATE
R/W
Proximity time
0x1F
0x88
PILTL
R/W
Proximity interrupt low threshold low byte
0x00
0x89
PILTH
R/W
Proximity interrupt low threshold high byte
0x00
0x8A
PIHTL
R/W
Proximity interrupt high threshold low byte
0x00
0x8B
PIHTH
R/W
Proximity interrupt high threshold high byte
0x00
0x8C
PERS
R/W
Proximity interrupt persistence filters
0x00
0x8D
CFG0
R/W
Configuration zero
0x40
0x8E
PCFG0
R/W
Proximity configuration zero
0x8F
0x8F
PCFG1
R/W
Proximity configuration one
0x60
0x91
REVID
R
Revision ID
0x10
0x92
ID
R
Device ID
0x44
0x9B
STATUS
R, SC
Device status
0x00
0x9C
PDATAL
R
Proximity ADC low data
0x00
0x9D
PDATAH
R
Proximity ADC high data
0x00
0xA6
REVID2
R
Revision ID two
0x01 or 0x0E
0xA8
SOFTRST
R/W
Soft reset
0x00
0xA9
PWTIME
R/W
Proximity wait time
0x00
0xAA
CFG8
R/W
Configuration eight
0x02
0xAB
CFG3
R/W
Configuration three
0x04
0xAE
CFG6
R/W
Configuration six
0x3F
0xB3
PFILTER
R/W
Proximity filter
0x00
0xC0
POFFSETL
R/W
Proximity offset low data
0x00
0xC1
POFFSETH
R/W
Proximity offset high data
0x00
0xD7
CALIB
R/W
Proximity offset calibration
0x00
0xD9
CALIBCFG
R/W
Proximity offset calibration control
0x50
0xDC
CALIBSTAT
R
Proximity offset calibration status
0x00
Register Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com