Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2635 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TMD2635
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2635 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TMD2635 Datasheet HTML 17Page - OSRAM GmbH TMD2635 Datasheet HTML 18Page - OSRAM GmbH TMD2635 Datasheet HTML 19Page - OSRAM GmbH TMD2635 Datasheet HTML 20Page - OSRAM GmbH TMD2635 Datasheet HTML 21Page - OSRAM GmbH TMD2635 Datasheet HTML 22Page - OSRAM GmbH TMD2635 Datasheet HTML 23Page - OSRAM GmbH TMD2635 Datasheet HTML 24Page - OSRAM GmbH TMD2635 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Page 20
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-04
TMD2635 − Register Description
STATUS Register (0x9B)
Figure 27:
STATUS Register
All flags in this register can be cleared by setting the bit high.
Alternatively, if the INT_READ_CLEAR in the CFG3 register bit is
set, then simply reading this register automatically clears all
eight flags.
Addr : 0x9B:
STATUS
Bit
Bit Name
Default
Access
Bit Description
7
PHIGH
0
R, SC
Set when PINT is set and PDATA > high threshold (after
persistence). Cleared when PINT is cleared.
6PLOW
0
R, SC
Set when PINT is set and PDATA < low threshold (after
persistence). Cleared when PINT is cleared.
5
PSAT
0
R, SC
Proximity saturation flag indicates that an ambient or
reflective-saturation event occurred during a previous
proximity cycle.
4PINT
0
R, SC
Proximity interrupt flag indicates that proximity results have
exceeded thresholds and persistence settings.
3CINT
0
R, SC
Calibration interrupt flag indicates that calibration has
completed.
2ZINT
0
R, SC
Zero detection interrupt flag indicates that a zero value in
PDATA has caused the proximity offset to be decremented (if
AUTO_OFFSET_ADJ = 1).
1
PSAT_
REFLECTIVE
0R, SC
The Reflective Proximity Saturation Interrupt flag signals that
the AFE has saturated during the IR VCSEL active portion of
proximity integration.
0
PSAT_
AMBIENT
0R, SC
The Ambient Proximity Saturation Interrupt flag signals that
the AFE has saturated during the IR VCSEL inactive portion of
proximity integration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com