Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2635 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # TMD2635
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2635 Datasheet(HTML) 2 Page - OSRAM GmbH

  TMD2635 Datasheet HTML 1Page - OSRAM GmbH TMD2635 Datasheet HTML 2Page - OSRAM GmbH TMD2635 Datasheet HTML 3Page - OSRAM GmbH TMD2635 Datasheet HTML 4Page - OSRAM GmbH TMD2635 Datasheet HTML 5Page - OSRAM GmbH TMD2635 Datasheet HTML 6Page - OSRAM GmbH TMD2635 Datasheet HTML 7Page - OSRAM GmbH TMD2635 Datasheet HTML 8Page - OSRAM GmbH TMD2635 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Jan-04
Document Feedback
TMD2635
Miniature Proximity Sensor Module
The TMD2635 features advanced proximity measurement in a
tiny (1.0mm x 2.0mm) and thin (0.5mm) optical land grid array
module that incorporates a 940nm IR VCSEL and is factory
calibrated for IR proximity response. The proximity detection
feature provides object detection (e.g. close proximity) by
photodiode detection of reflected IR energy sourced by the
integrated VCSEL emitter. Detect/release events can be
interrupt driven, and occur when proximity result crosses upper
and/or lower threshold settings. The proximity engine features
a wide range offset adjustment to compensate for unwanted IR
energy reflection at the sensor. Proximity results are further
improved by automatic ambient light subtraction.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMD2635 Proximity Sensor Module
are listed below:
Figure 1:
Added Value of Using TMD2635
Benefits
Features
• Optimized for small wearable devices
• Tiny 1.0mm x 2.0mm x 0.5mm module
• Reduced power consumption
• 1.8V power supply with 1.8V I²C bus
• Sleep mode (0.7μA) with fast wakeup
• VCSEL IR emitter
• Enables superior proximity detection
• Integrated factory calibrated 940nm IR VCSEL
• Crosstalk and ambient light cancellation
• Wide configuration range
• Industrial design flexibility
• Dual photodiode architecture
• Offset emitter/detector package design
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com