Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2636 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # TMD2636
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2636 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button TMD2636 Datasheet HTML 18Page - OSRAM GmbH TMD2636 Datasheet HTML 19Page - OSRAM GmbH TMD2636 Datasheet HTML 20Page - OSRAM GmbH TMD2636 Datasheet HTML 21Page - OSRAM GmbH TMD2636 Datasheet HTML 22Page - OSRAM GmbH TMD2636 Datasheet HTML 23Page - OSRAM GmbH TMD2636 Datasheet HTML 24Page - OSRAM GmbH TMD2636 Datasheet HTML 25Page - OSRAM GmbH TMD2636 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
Datasheet, Public
Page 21
[v2-00] 2023-Jan-04
Document Feedback
TMD2636 − Register Description
PDATAL Register (0x9C)
Figure 28:
PDATAL Register
PDATAH Register (0x9D)
Figure 29:
PDATAH Register
Proximity data is stored as a 14-bit value (two bytes). Reading
the low byte first latches the high byte. Proximity detection uses
an Automatic Pulse Control (APC) mechanism that adjusts the
number of pulses per measurement based on the magnitude of
the reflected IR signal. As the magnitude of the signal increases,
the number of pulses decreases. Proximity detection uses a
10-bit ADC that is extended to a 14-bit dynamic range for PDATA
using the following formula:
PDATA = ADCvalue x (16 / actual number of pulses transmitted)
PDATA is therefore proportional to the reflected energy
independent of the number of pulses transmitted.
If Automatic Pulse Control (APC) is disabled by setting bit 6 in
CFG6 to 1, then the proximity data converts to a 10-bit value.
PDATAL contains the 8 most significant bits of the 10-bit value
and PDATAH bit locations 1:0 contain the lower 2 bits. When
APC is disabled, only the upper 8 bits are compared against the
threshold values contained in PILTL and PIHTL.
Addr: 0x9C
PDATAL
Bit
Bit Name
Default
Access
Bit Description
7:0
PDATAL
0x00
RO
This register contains the low byte of the 14-bit
proximity ADC data when APC is enabled. If APC is
disabled, this register contains the upper 8 most
significant bits of the 10-bit proximity value.
Addr: 0x9D
PDATAH
Bit
Bit Name
Default
Access
Bit Description
7:0
PDATAH
0x00
RO
This register contains the high byte of the 14-bit
proximity ADC data when APC is enabled. If APC is
disabled, bits 1:0 contain the lower 2 bits of the 10-bit
proximity value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com