Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2636 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # TMD2636
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2636 Datasheet(HTML) 4 Page - OSRAM GmbH

  TMD2636 Datasheet HTML 1Page - OSRAM GmbH TMD2636 Datasheet HTML 2Page - OSRAM GmbH TMD2636 Datasheet HTML 3Page - OSRAM GmbH TMD2636 Datasheet HTML 4Page - OSRAM GmbH TMD2636 Datasheet HTML 5Page - OSRAM GmbH TMD2636 Datasheet HTML 6Page - OSRAM GmbH TMD2636 Datasheet HTML 7Page - OSRAM GmbH TMD2636 Datasheet HTML 8Page - OSRAM GmbH TMD2636 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
Datasheet, Public
Page 3
[v2-00] 2023-Jan-04
Document Feedback
TMD2636 − Pin Assignment
Device pinout is described below.
Figure 3:
Pin Diagram of TMD2636 (Top View)
Figure 4:
Pin Description
Note(s):
1. When the SDA and SCL signals are swapped, the device uses a different I²C address. See the I²C Characteristics section for more details.
Pin Number
Pin Name
Description
1INT
Interrupt. Open drain output (active low). If INT is not used, tie to GND
for enhanced ESD protection.
2VDD
Supply voltage for sensor (1.8V). To enable the device to recover from
a high voltage system ESD strike, it is recommended to connect VDD
to a host GPIO pin for independent power control.
3
GND
Ground. All voltages are referenced to GND.
4
VDD3
Supply voltage for IR emitter (3.0/3.3V)
5
SCL (1)
I²C serial clock input terminal
6
SDA (1)
I²C serial data I/O terminal
Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com