Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMD2636 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TMD2636
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2636 Datasheet(HTML) 5 Page - OSRAM GmbH

  TMD2636 Datasheet HTML 1Page - OSRAM GmbH TMD2636 Datasheet HTML 2Page - OSRAM GmbH TMD2636 Datasheet HTML 3Page - OSRAM GmbH TMD2636 Datasheet HTML 4Page - OSRAM GmbH TMD2636 Datasheet HTML 5Page - OSRAM GmbH TMD2636 Datasheet HTML 6Page - OSRAM GmbH TMD2636 Datasheet HTML 7Page - OSRAM GmbH TMD2636 Datasheet HTML 8Page - OSRAM GmbH TMD2636 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Page 4
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-04
TMD2636 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Note(s):
1. The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.”
Symbol
Parameter
Min
Max
Units
Comments
VDD
Supply voltage to GND
-0.3
2.0
V
VDD3
IR emitter voltage to GND
-0.3
3.6
V
VIO
Digital I/O terminal voltage
-0.3
3.6
V
IIO
Digital output terminal voltage
-1
20
mA
ISCR
Input current (latch up immunity)
±100
mA
Class II JEDEC JESD78E
ESDHBM
HBM Electrostatic discharge
±2000
V
JEDEC/ ESDA JS-001-2017
ESDCDM
CDM Electrostatic discharge
±500
V
JEDEC JS-002-2018
TSTRG
Storage temperature range
-40
85
°C
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020 (1)
RHNC
Relative humidity
(non- condensing)
585
%
PDISS
Power dissipation
50
mW
Average power dissipation
over a 1 second period
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com