Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2520 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 16Page - OSRAM GmbH TSL2520 Datasheet HTML 17Page - OSRAM GmbH TSL2520 Datasheet HTML 18Page - OSRAM GmbH TSL2520 Datasheet HTML 19Page - OSRAM GmbH TSL2520 Datasheet HTML 20Page - OSRAM GmbH TSL2520 Datasheet HTML 21Page - OSRAM GmbH TSL2520 Datasheet HTML 22Page - OSRAM GmbH TSL2520 Datasheet HTML 23Page - OSRAM GmbH TSL2520 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 69 page
background image
Datasheet, Public
Page 19
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Register Overview
MEAS_MODE1 Register
Figure 21:
MEAS_MODE1
Note(s):
1. Return to the Register Map (0x82).
SAMPLE_TIME0 Register
Figure 22:
SAMPLE_TIME0
Note(s):
1. Return to the Register Map (0x83).
SAMPLE_TIME1 Register
Figure 23:
SAMPLE_TIME1
Addr: 0x82
MEAS_MODE1
Bit
Field
Reset
Type
Bit Description
7:5
Reserved
0
4:0
ALS_MSB_POSITION
0x0C
R/W
Internally the result can be 26 bits wide = 11-bit
samples + 11-bit sampling time + 4-bit residuals
and is stored in a 32-bit register. ALS_MSB_
POSITION defines the MSB in this 32-bit register.
Addr: 0x83
SAMPLE_TIME0
Bit
Field
Reset
Type
Bit Description
7:0
SAMPLE_
TIME[7:0]
0xB3
R/W
ALS measurement time step. Sets the time in steps of 1.388889μs
modulator clock. The modulator clock can be divided with MOD_
DIVIDER_SELECT in register CFG7. Please observe that SAMPLE_
TIME needs to be set in register 0x83 and 0x84 (11-bit wide). It
counts from 0-2047 (2048 counts).
SAMPLE_TIME =
(1/SamplingFreq/1.388889μs)-1
Default: 179+1 = 1/4000Hz / 1.388889μs
(180 counts as counted 0-179)
ALSIntegrationTimeStep = (SAMPLE_TIME+1) x 1.388889μs
Default: 250μs = (179+1) x 1.388889μs
Addr: 0x84
SAMPLE_TIME1
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com