Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2520 Datasheet(PDF) 21 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 17Page - OSRAM GmbH TSL2520 Datasheet HTML 18Page - OSRAM GmbH TSL2520 Datasheet HTML 19Page - OSRAM GmbH TSL2520 Datasheet HTML 20Page - OSRAM GmbH TSL2520 Datasheet HTML 21Page - OSRAM GmbH TSL2520 Datasheet HTML 22Page - OSRAM GmbH TSL2520 Datasheet HTML 23Page - OSRAM GmbH TSL2520 Datasheet HTML 24Page - OSRAM GmbH TSL2520 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
Page 20
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
Note(s):
1. Return to the Register Map (0x84).
ALS_NR_SAMPLES0 Register
Figure 24:
ALS_NR_SAMPLES0
Note(s):
1. Return to the Register Map (0x85).
ALS_NR_SAMPLES1 Register
Figure 25:
ALS_NR_SAMPLES1
Note(s):
1. Return to the Register Map (0x86).
2:0
SAMPLE_TIME[10:8]
0
R/W
Please see SAMPLE_TIME0.
Addr: 0x85
ALS_NR_SAMPLES0
Bit
Field
Reset
Type
Bit Description
7:0
ALS_NR_
SAMPLES[7:0]
0R/W
ALS_NR_OF_SAMPLES defines the total
measurement time for ALS atime = (ALS_NR_
SAMPLES+1) x (SAMPLE_TIME+1) x 1.388889μs
Addr: 0x86
ALS_NR_SAMPLES1
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0
2:0
ALS_NR_SAMPLES[10:8]
0
R/W
Please see ALS_NR_SAMPLES0.
Addr: 0x84
SAMPLE_TIME1
Bit
Field
Reset
Type
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com