Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2520 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # TSL2520
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2520 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button TSL2520 Datasheet HTML 36Page - OSRAM GmbH TSL2520 Datasheet HTML 37Page - OSRAM GmbH TSL2520 Datasheet HTML 38Page - OSRAM GmbH TSL2520 Datasheet HTML 39Page - OSRAM GmbH TSL2520 Datasheet HTML 40Page - OSRAM GmbH TSL2520 Datasheet HTML 41Page - OSRAM GmbH TSL2520 Datasheet HTML 42Page - OSRAM GmbH TSL2520 Datasheet HTML 43Page - OSRAM GmbH TSL2520 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
Datasheet, Public
Page 39
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Register Overview
MEAS_SEQR_ALS_1 Register
Figure 52:
MEAS_SEQR_ALS_1
Note(s):
1. Return to the Register Map (0xD0).
MEAS_SEQR_APERS_AND_VSYNC_WAIT Register
Figure 53:
MEAS_SEQR_APERS_AND_VSYNC_WAIT
Note(s):
1. Return to the Register Map (0xD1).
Addr: 0xD0
MEAS_SEQR_ALS_1
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
R/W
3:0
MEASUREMENT_
SEQUENCER_ALS_
PATTERN
0x1
R/W
Defines the sequence of an ALS measurement on all
modulators. The bit pattern does not represent a
value but controls bitwise which sequencer step
shall be used. The leftmost position of “0000” refers
to sequencer step 3, the rightmost refers to
sequencer step 0. By default sequencer step 0 is
executed on all modulators.
Addr: 0xD1
MEAS_SEQR_APERS_AND_VSYNC_WAIT
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_VSYNC_
WAIT_PATTERN
0R/W
Defines if a measurement sequence shall wait for a
vsync before starting the measurement. The bit
pattern does not represent a value but controls
bitwise which sequencer step shall be used. The
leftmost position of “0000” refers to sequencer step
3, the rightmost refers to sequencer step 0.
3:0
MEASUREMENT_
SEQUENCER_APERS_
PATTERN
0x1
R/W
Defines the sequencer steps where an ALS
persistence evaluation shall be performed on
modulator data selected by ALS_THRESHOLD_
CHANNEL. The bit pattern does not represent a
value but controls bitwise which sequencer step
shall be used. The leftmost position of “0000” refers
to sequencer step 3, the rightmost refers to
sequencer step 0. By default step 0 is used on all
modulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com