Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568CS Datasheet(PDF) 12 Page - OSRAM GmbH

Part # TSL2568CS
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568CS Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button TSL2568CS Datasheet HTML 8Page - OSRAM GmbH TSL2568CS Datasheet HTML 9Page - OSRAM GmbH TSL2568CS Datasheet HTML 10Page - OSRAM GmbH TSL2568CS Datasheet HTML 11Page - OSRAM GmbH TSL2568CS Datasheet HTML 12Page - OSRAM GmbH TSL2568CS Datasheet HTML 13Page - OSRAM GmbH TSL2568CS Datasheet HTML 14Page - OSRAM GmbH TSL2568CS Datasheet HTML 15Page - OSRAM GmbH TSL2568CS Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
ams Datasheet
Page 11
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Electrical Characteristics
5. Full scale ADC count value is limited by the fact that there is a maximum of one count per two oscillator frequency periods and also
by a 2-count offset.
Full scale ADC count value = ((number of clock cycles)/2 − 2)
Field value 00: Full scale ADC count value = ((11 × 918)/2 − 2) = 5047
Field value 01: Full scale ADC count value = ((81 × 918)/2 − 2) = 37177
Field value 10: Full scale ADC count value = 65535, which is limited by 16-bit register. This full scale ADC count value is reached for
131074 clock cycles, which occurs for Tint = 178ms for nominal fosc = 735kHz.
6. Low gain mode has 16× lower gain than high gain mode: (1/16 = 0.0625).
7. The sensor Lux is calculated using the empirical formula shown in “Calculating Lux” on page 35 of this data sheet based on measured
Ch0 and Ch1 ADC count values for the light source specified. Actual Lux is obtained with a commercial luxmeter. The range of the
(sensor Lux) / (actual Lux) ratio is estimated based on the variation of the 640nm and 940nm optical parameters. Devices are not
100% tested with fluorescent or incandescent light sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com