Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568CS Datasheet(PDF) 48 Page - OSRAM GmbH

Part # TSL2568CS
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568CS Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button TSL2568CS Datasheet HTML 44Page - OSRAM GmbH TSL2568CS Datasheet HTML 45Page - OSRAM GmbH TSL2568CS Datasheet HTML 46Page - OSRAM GmbH TSL2568CS Datasheet HTML 47Page - OSRAM GmbH TSL2568CS Datasheet HTML 48Page - OSRAM GmbH TSL2568CS Datasheet HTML 49Page - OSRAM GmbH TSL2568CS Datasheet HTML 50Page - OSRAM GmbH TSL2568CS Datasheet HTML 51Page - OSRAM GmbH TSL2568CS Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
ams Datasheet
Page 47
[v1-00] 2016-Apr-12
Document Feedback
TSL2568, TSL2569 − Manufacturing Information
The CS and T packages have been tested and have
demonstrated an ability to be reflow soldered to a PCB
substrate. The process, equipment, and materials used in these
test are detailed below.
The solder reflow profile describes the expected maximum heat
exposure of components during the solder reflow process of
product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum
of three passes through this solder reflow profile.
Figure 45:
TSL2568/69 Solder Reflow Profile
Figure 46:
TSL2568/TSL2569 Solder Reflow Profile Graph
Note(s):
1. Not to scale - for reference only.
Parameter
Reference
TSL2568/69
Average temperature gradient in preheating
2.5°C/s
Soak time
tsoak
2 to 3 minutes
Time above 217°C
t1
Max 60 s
Time above 230°C
t2
Max 50 s
Time above Tpeak -10°C
t3
Max 10 s
Peak temperature in reflow
Tpeak
260° C (-0°C/+5°C)
Temperature gradient in cooling
Max -5°C/s
Manufacturing Information
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference o
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com