Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2568CS Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TSL2568CS
Description  Light-to-Digital Converter
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2568CS Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TSL2568CS Datasheet HTML 33Page - OSRAM GmbH TSL2568CS Datasheet HTML 34Page - OSRAM GmbH TSL2568CS Datasheet HTML 35Page - OSRAM GmbH TSL2568CS Datasheet HTML 36Page - OSRAM GmbH TSL2568CS Datasheet HTML 37Page - OSRAM GmbH TSL2568CS Datasheet HTML 38Page - OSRAM GmbH TSL2568CS Datasheet HTML 39Page - OSRAM GmbH TSL2568CS Datasheet HTML 40Page - OSRAM GmbH TSL2568CS Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-00] 2016-Apr-12
TSL2568, TSL2569 − Application Information: Software
TMB Package
For 0 < CH1/CH0
≤ 0.35
Lux = 0.00763 × CH0 - 0.01031 × CH1
For 0.35 < CH1/CH0
≤ 0.50
Lux = 0.00817 × CH0 - 0.01188 × CH1
For 0.50 < CH1/CH0
≤ 0.60
Lux = 0.00723 × CH0 - 0.01000 × CH1
For 0.60 < CH1/CH0
≤ 0.72
Lux = 0.00573 × CH0 - 0.00750 × CH1
For 0.72 < CH1/CH0
≤ 0.85
Lux = 0.00216 × CH0 - 0.00254 × CH1
For CH1/CH0 > 0.85
Lux = 0
The formulas shown above were obtained by optical testing
with fluorescent and incandescent light sources, and apply only
to open-air applications. Optical apertures (e.g. light pipes) will
affect the incident light on the device.
Simplified Lux Calculation
Below is the argument and return value including source code
(shown on following page) for calculating lux. The source code
is intended for embedded and/or microcontroller applications.
Two individual code sets are provided, one for the chipscale
package and one for the TMB package. All floating point
arithmetic operations have been eliminated since embedded
controllers and microcontrollers generally do not support these
types of operations. Since floating point has been removed,
scaling must be performed prior to calculating illuminance if
the integration time is not 402ms and/or if the gain is not 16×
as denoted in the source code on the following pages. This
sequence scales first to mitigate rounding errors induced by
decimal math.
extern unsigned int CalculateLux(unsigned int iGain, unsigned int tInt, unsigned int ch0, unsigned int ch1, int iType)
//****************************************************************************
//
// Copyright ams AG
//
// THIS CODE AND INFORMATION IS PROVIDED ”AS IS” WITHOUT WARRANTY OF ANY
// KIND, EITHER EXPRESSED OR IMPLIED, INCLUDING BUT NOT LIMITED TO THE
// IMPLIED WARRANTIES OF MERCHANTABILITY AND/OR FITNESS FOR A PARTICULAR
// PURPOSE.
//
//
Module Name:
//
lux.cpp
//
//****************************************************************************
#define LUX_SCALE 16
//scale by 2^16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com