Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL26713FN Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TSL26713FN
Description  Digital Proximity Detector
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL26713FN Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TSL26713FN Datasheet HTML 15Page - OSRAM GmbH TSL26713FN Datasheet HTML 16Page - OSRAM GmbH TSL26713FN Datasheet HTML 17Page - OSRAM GmbH TSL26713FN Datasheet HTML 18Page - OSRAM GmbH TSL26713FN Datasheet HTML 19Page - OSRAM GmbH TSL26713FN Datasheet HTML 20Page - OSRAM GmbH TSL26713FN Datasheet HTML 21Page - OSRAM GmbH TSL26713FN Datasheet HTML 22Page - OSRAM GmbH TSL26713FN Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-00] 2016-Jul-12
TSL2671 − Principles of Operation
State Diagram
The following state diagram shows a more detailed flow for the
state machine. The device starts in the sleep mode. The PON bit
is written to enable the device. A 2.72-ms Start Delay will occur
before entering the start state. If the PEN bit is set, the state
machine will step through the proximity accumulate, then
proximity ADC conversion states. As soon as the conversion is
complete, the state machine will move to the Wait Check state.
If the WEN bit is set, the state machine will then cycle through
the wait state. If the WLONG bit is set, the wait cycles are
extended by 12X over normal operation. When the wait counter
terminates, the state machine will move to the 2.72-ms Wait
Delay state before returning to the Start state.
Figure 21:
Expanded State Diagram
1 to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
Recommended − 2.72 ms 1023 Counts
PEN = 0
Prox
Check
PON = 1
PON = 0
Sleep
Wait
Check
Start
Wait
WEN = 1
Prox
Accum
Prox
ADC
Wait
Delay
PEN = 1
1 to 255 LED Pulses
Pulse Frequency: 62.5 kHz
Time: 16.3
ms − 4.2 ms
WLONG = 0
1 to 256 steps
Step: 2.72 ms
Time: 2.72 ms − 696 ms
WLONG = 1
1 to 256 steps
Step: 32.6 ms
Time: 32.6 ms − 8.35 s
5.44 ms
WEN = 0
Start
Delay
2.72 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com